Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7814ARM-REEL Datasheet(PDF) 5 Page - Analog Devices

Part # AD7814ARM-REEL
Description  10-Bit Digital Temperature Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7814ARM-REEL Datasheet(HTML) 5 Page - Analog Devices

  AD7814ARM-REEL Datasheet HTML 1Page - Analog Devices AD7814ARM-REEL Datasheet HTML 2Page - Analog Devices AD7814ARM-REEL Datasheet HTML 3Page - Analog Devices AD7814ARM-REEL Datasheet HTML 4Page - Analog Devices AD7814ARM-REEL Datasheet HTML 5Page - Analog Devices AD7814ARM-REEL Datasheet HTML 6Page - Analog Devices AD7814ARM-REEL Datasheet HTML 7Page - Analog Devices AD7814ARM-REEL Datasheet HTML 8Page - Analog Devices AD7814ARM-REEL Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
REV. E
AD7814
–4–
PIN FUNCTION DESCRIPTIONS
Pin
SOT-23
MSOP
Mnemonic
Pin No.
Pin No.
Description
GND
1
7
Analog and Digital Ground
DIN
2
6
Serial Data Input. Serial data to be loaded to the part’s control register is
provided on this input. Data is clocked into the control register on the rising
edge of SCLK.
VDD
35
Positive Supply Voltage, 2.7 V to 5.5 V
SCLK
4
4
Serial Clock Input. This is the clock input for the serial port. The serial clock
is used to clock data out of the temperature value register of the AD7814 and
to clock data into the control register on the part.
CS
53
Chip Select Input. Logic input. The device is selected when this input is low.
The SCLK input is disabled when this pin is high.
DOUT
6
2
Serial Data Output. Logic output. Data is clocked out of the temperature
value register at this pin. Data is clocked out on the falling edge of SCLK.
NC
1, 8
No Connect
PIN CONFIGURATIONS
SOT-23
1
2
3
GND
TOP VIEW
(Not to Scale)
6
5
4
AD7814
DIN
VDD
DOUT
CS
SCLK
MSOP
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
NC = NO CONNECT
NC
DOUT
CS
SCLK
NC
GND
DIN
VDD
AD7814


Similar Part No. - AD7814ARM-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7814ARM-REEL AD-AD7814ARM-REEL Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814ARM-REEL AD-AD7814ARM-REEL Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814ARM-REEL7 AD-AD7814ARM-REEL7 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814ARM-REEL7 AD-AD7814ARM-REEL7 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
More results

Similar Description - AD7814ARM-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7417 AD-AD7417_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7416 AD-AD7416_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7418 AD-AD7418_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7314 AD-AD7314_17 Datasheet
194Kb / 9P
   10-Bit Digital Temperature Sensor
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
   SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
logo
Analog Devices
ADT75 AD-ADT75_17 Datasheet
392Kb / 25P
   12-Bit Digital Temperature Sensor
ADT7301 AD-ADT7301_17 Datasheet
319Kb / 17P
   13-Bit, Digital Temperature Sensor
ADT7408 AD-ADT7408_17 Datasheet
561Kb / 23P
   12-Bit Digital Temperature Sensor
AD7814 AD-AD7814_15 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814 AD-AD7814 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com