Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7310 Datasheet(PDF) 1 Page - Analog Devices

Part # ADT7310
Description  16-Bit Digital SPI Temperature Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7310 Datasheet(HTML) 1 Page - Analog Devices

  ADT7310 Datasheet HTML 1Page - Analog Devices ADT7310 Datasheet HTML 2Page - Analog Devices ADT7310 Datasheet HTML 3Page - Analog Devices ADT7310 Datasheet HTML 4Page - Analog Devices ADT7310 Datasheet HTML 5Page - Analog Devices ADT7310 Datasheet HTML 6Page - Analog Devices ADT7310 Datasheet HTML 7Page - Analog Devices ADT7310 Datasheet HTML 8Page - Analog Devices ADT7310 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
±0.5°C Accurate, 16-Bit
Digital SPI Temperature Sensor
Data Sheet
ADT7310
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009–2011 Analog Devices, Inc. All rights reserved.
FEATURES
High performance
Temperature accuracy
±0.5°C from −40°C to +105°C (2.7 V to 3.6 V)
±0.4°C from −40°C to +105°C (3.0 V)
16-bit temperature resolution: 0.0078°C
Fast first temperature conversion on power-up of 6 ms
Easy implementation
No temperature calibration/correction required by user
No linearity correction required
Low power
Power saving 1 sample per second (SPS) mode
700 µW typical at 3.3 V in normal mode
7 µW typical at 3.3 V in shutdown mode
Wide operating ranges
Temperature range: −55°C to +150°C
Voltage range: 2.7 V to 5.5 V
Programmable interrupts
Critical overtemperature interrupt
Overtemperature/undertemperature interrupt
SPI-compatible interface
8-lead narrow SOIC RoHS-compliant package
APPLICATIONS
Medical equipment
Environmental control systems
Computer thermal monitoring
Thermal protection
Industrial process control
Power system monitors
Hand-held applications
GENERAL DESCRIPTION
The ADT7310 is a high accuracy digital temperature sensor
in a narrow SOIC package. It contains a band gap temperature
reference and a 13-bit ADC to monitor and digitize the
temperature to a 0.0625°C resolution. The ADC resolution,
by default, is set to 13 bits (0.0625 °C). This can be changed
to 16 bits (0.0078 °C) by setting Bit 7 in the configuration
register (Register Address 0x01).
The ADT7310 is guaranteed to operate over supply voltages from
2.7 V to 5.5 V. Operating at 3.3 V, the average supply current is
typically 210 μA. The ADT7310 has a shutdown mode that
powers down the device and offers a shutdown current of
typically 2 μA. The ADT7310 is rated for operation over the
−55°C to +150°C temperature range.
The CT pin is an open-drain output that becomes active when
the temperature exceeds a programmable critical temperature
limit. The default critical temperature limit is 147°C. The INT
pin is also an open-drain output that becomes active when the
temperature exceeds a programmable limit. The INT and CT
pins can operate in either comparator or interrupt mode.
FUNCTIONAL BLOCK DIAGRAM
INTERNAL
REFERENCE
8
7
TEMPERATURE
SENSOR
THIGH
TCRIT
TLOW
INTERNAL
OSCILLATOR
FILTER
LOGIC
Σ
MODULATOR
VDD
GND
6
5
CT
INT
3
4
1
2
ADT7310
CS
TEMPERATURE
VALUE
REGISTER
CONFIGURATION
AND STATUS
REGISTERS
TLOW
REGISTER
TCRIT
REGISTER
THYST
REGISTER
THIGH
REGISTER
SCLK
DOUT
DIN
Figure 1.


Similar Part No. - ADT7310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
logo
ADTech
ADT7310 ADTECH-ADT7310 Datasheet
262Kb / 15P
   system specific power supply IC that is suitable for color CCD camera
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
476Kb / 9P
   Devices Connected
ADT7310TRZ AD-ADT7310TRZ Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7310TRZ-REEL AD-ADT7310TRZ-REEL Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
More results

Similar Description - ADT7310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7311 AD-ADT7311 Datasheet
425Kb / 25P
   16-Bit Digital SPI Temperature Sensor
ADT7320 AD-ADT7320_17 Datasheet
485Kb / 25P
   16-Bit Digital SPI Temperature Sensor
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7320 AD-ADT7320_11 Datasheet
423Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7320 AD-ADT7320 Datasheet
275Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
Rev. PrA
ADT7410 AD-ADT7410_17 Datasheet
487Kb / 25P
   16-Bit Digital I2C Temperature Sensor
logo
National Semiconductor ...
LM74 NSC-LM74 Datasheet
293Kb / 15P
   SPI/MICROWIRE??Digital Temperature Sensor
LM70 NSC-LM70 Datasheet
285Kb / 13P
   SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com