Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7320 Datasheet(PDF) 6 Page - Analog Devices

Part # ADT7320
Description  16-Bit Digital SPI Temperature Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7320 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADT7320_17 Datasheet HTML 2Page - Analog Devices ADT7320_17 Datasheet HTML 3Page - Analog Devices ADT7320_17 Datasheet HTML 4Page - Analog Devices ADT7320_17 Datasheet HTML 5Page - Analog Devices ADT7320_17 Datasheet HTML 6Page - Analog Devices ADT7320_17 Datasheet HTML 7Page - Analog Devices ADT7320_17 Datasheet HTML 8Page - Analog Devices ADT7320_17 Datasheet HTML 9Page - Analog Devices ADT7320_17 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Data Sheet
ADT7320
Rev. 0 | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
DIN Input Voltage to GND
−0.3 V to VDD + 0.3 V
DOUT Voltage to GND
−0.3 V to VDD + 0.3 V
SCLK Input Voltage to GND
−0.3 V to VDD + 0.3 V
CS Input Voltage to GND
−0.3 V to VDD + 0.3 V
CT and INT Output Voltage to GND
−0.3 V to VDD + 0.3 V
ESD Rating (Human Body Model)
2.0 kV
Operating Temperature Range1
−40°C to +150°C
Storage Temperature Range
−65°C to +160°C
Maximum Junction Temperature, TJMAX
150°C
Power Dissipation2
16-Lead LFCSP3
WMAX = (TJMAX − TA)/θJA
Thermal Impedance4
θJA, Junction-to-Ambient (Still Air)
37°C/W
θJC, Junction-to-Case
33°C/W
IR Reflow Soldering
220°C
Peak Temperature (RoHS-Compliant
Package)
260°C (0°C/−5°C)
Time at Peak Temperature
20 sec to 40 sec
Ramp-Up Rate
3°C/sec maximum
Ramp-Down Rate
−6°C/sec maximum
Time from 25°C to Peak Temperature
8 minutes maximum
1 Sustained operation above 125°C results in a shorter product lifetime. For
more information, contact an Analog Devices, Inc., sales representative.
2 Values relate to package being used on a standard 2-layer PCB. This gives a
worst-case θJA and θJC.
3 TA = ambient temperature.
4 Junction-to-case resistance is applicable to components featuring a
preferential flow direction, for example, components mounted on a heat
sink. Junction-to-ambient resistance is more useful for air cooled, PCB-
mounted components.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - ADT7320_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7320 AD-ADT7320_11 Datasheet
423Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
More results

Similar Description - ADT7320_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7310 AD-ADT7310_17 Datasheet
442Kb / 25P
   16-Bit Digital SPI Temperature Sensor
ADT7311 AD-ADT7311 Datasheet
425Kb / 25P
   16-Bit Digital SPI Temperature Sensor
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7320 AD-ADT7320_11 Datasheet
423Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7320 AD-ADT7320 Datasheet
275Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
Rev. PrA
ADT7410 AD-ADT7410_17 Datasheet
487Kb / 25P
   16-Bit Digital I2C Temperature Sensor
logo
National Semiconductor ...
LM74 NSC-LM74 Datasheet
293Kb / 15P
   SPI/MICROWIRE??Digital Temperature Sensor
LM70 NSC-LM70 Datasheet
285Kb / 13P
   SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com