Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7320 Datasheet(PDF) 8 Page - Analog Devices

Part # ADT7320
Description  16-Bit Digital SPI Temperature Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7320 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADT7320 Datasheet HTML 4Page - Analog Devices ADT7320 Datasheet HTML 5Page - Analog Devices ADT7320 Datasheet HTML 6Page - Analog Devices ADT7320 Datasheet HTML 7Page - Analog Devices ADT7320 Datasheet HTML 8Page - Analog Devices ADT7320 Datasheet HTML 9Page - Analog Devices ADT7320 Datasheet HTML 10Page - Analog Devices ADT7320 Datasheet HTML 11Page - Analog Devices ADT7320 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Data Sheet
ADT7320
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
–40
–60
–20
0
20
40
TEMPERATURE (°C)
60
80
100
120
140
–1.00
–0.50
0
0.50
0.25
–0.25
0.75
–0.75
1.00
MAX ACCURACY LIMITS
MAX ACCURACY LIMITS
Figure 4. Temperature Accuracy at 3 V
–40
–60
–20
0
20
40
TEMPERATURE (°C)
60
80
100
120
140
–1.00
–0.50
0
0.50
0.25
–0.25
0.75
–0.75
1.00
MAX ACCURACY LIMITS
MAX ACCURACY LIMITS
Figure 5. Temperature Accuracy at 5 V
–100
–50
0
50
100
150
200
TEMPERATURE (°C)
3.0V 1SPS
5.5V 1SPS
5.5V CONTINUOUS
CONVERSION
3.0V CONTINUOUS
CONVERSION
0
50
100
150
200
250
300
Figure 6. Operating Supply Current vs. Temperature
3.6V
TEMPERATURE (°C)
0
5
10
15
20
25
30
–100
–50
0
50
100
150
200
3.3V
3.0V
2.7V
4.5V
5.0V
5.5V
Figure 7. Shutdown Current vs. Temperature
0
50
100
150
200
250
300
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
CONTINUOUS CONVERSION
1SPS
Figure 8. Average Operating Supply Current vs. Supply Voltage
0
1
2
3
4
5
6
7
8
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
Figure 9. Shutdown Current vs. Supply Voltage


Similar Part No. - ADT7320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7320 AD-ADT7320 Datasheet
275Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
Rev. PrA
ADT7320 AD-ADT7320 Datasheet
935Kb / 16P
   Evaluating the ADT7320/ADT7420 Temperature Sensors
REV. 0
ADT7320UCPZ AD-ADT7320UCPZ Datasheet
275Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
Rev. PrA
ADT7320UCPZ-R2 AD-ADT7320UCPZ-R2 Datasheet
275Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
Rev. PrA
ADT7320UCPZ-R2 AD-ADT7320UCPZ-R2 Datasheet
423Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
More results

Similar Description - ADT7320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7310 AD-ADT7310_17 Datasheet
442Kb / 25P
   16-Bit Digital SPI Temperature Sensor
ADT7311 AD-ADT7311 Datasheet
425Kb / 25P
   16-Bit Digital SPI Temperature Sensor
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7320 AD-ADT7320_11 Datasheet
423Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7320 AD-ADT7320 Datasheet
275Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
Rev. PrA
ADT7410 AD-ADT7410_17 Datasheet
487Kb / 25P
   16-Bit Digital I2C Temperature Sensor
logo
National Semiconductor ...
LM74 NSC-LM74 Datasheet
293Kb / 15P
   SPI/MICROWIRE??Digital Temperature Sensor
LM70 NSC-LM70 Datasheet
285Kb / 13P
   SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com