Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDW5SM Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LDW5SM
Description  Scanners
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDW5SM Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LDW5SM Datasheet HTML 7Page - OSRAM GmbH LDW5SM Datasheet HTML 8Page - OSRAM GmbH LDW5SM Datasheet HTML 9Page - OSRAM GmbH LDW5SM Datasheet HTML 10Page - OSRAM GmbH LDW5SM Datasheet HTML 11Page - OSRAM GmbH LDW5SM Datasheet HTML 12Page - OSRAM GmbH LDW5SM Datasheet HTML 13Page - OSRAM GmbH LDW5SM Datasheet HTML 14Page - OSRAM GmbH LDW5SM Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Version 1.3
LD W5SM
2017-06-06
11
Package Outline 7) page 20
Maßzeichnung 7) Seite 20
Approximate Weight:
0.2 g
Gewicht:
0.2 g
Mark:
Cathode
Markierung:
Kathode
Corrosion robustness:
Test conditions: 40 °C / 90 % rh / 15 ppm H2S /
336 h
= Stricter than IEC 60068-2-43 (H2S) [25°C / 75 %
rh / 10 ppm H2S / 21 days]
= Regarding relevant gas (H2S) stricter than EN
60068-2-60 (method 4) [25 °C / 75 % rh / 200 ppb
SO2, 200 ppb NO2,10 ppb Cl2 / 21 days]
Korrosionsfestigkeit:
Test Kondition: 40°C / 90 % rh / 15 ppm H2S / 336
h
= Besser als IEC 60068-2-43 (H2S) [25°C / 75 %
rh / 10 ppm H2S / 21 Tage]
= Bezogen auf das Gas (H2S) besser als EN
60068-2-60 (method 4) [25°C / 75 % rh / 200ppb
SO2, 200ppb NO2,10ppb Cl2 / 21 Tage]


Similar Part No. - LDW5SM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LDW5SM-4S4T-35 OSRAM-LDW5SM-4S4T-35 Datasheet
643Kb / 21P
   white SMD package, colorless clear silicone resin
More results

Similar Description - LDW5SM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LHT6MF OSRAM-LHT6MF Datasheet
647Kb / 22P
   Scanners
logo
SICK AG
CLV615-F3000 SICK-CLV615-F3000 Datasheet
571Kb / 6P
   CODE SCANNERS
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
S31A-7011CA SICK-S31A-7011CA Datasheet
1Mb / 9P
   SAFETY LASER SCANNERS
S32B-2011EA SICK-S32B-2011EA Datasheet
1Mb / 9P
   SAFETY LASER SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com