Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65110A7980 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # Q65110A7980
Description  Coupling into Light Guides
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65110A7980 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button Q65110A7980 Datasheet HTML 3Page - OSRAM GmbH Q65110A7980 Datasheet HTML 4Page - OSRAM GmbH Q65110A7980 Datasheet HTML 5Page - OSRAM GmbH Q65110A7980 Datasheet HTML 6Page - OSRAM GmbH Q65110A7980 Datasheet HTML 7Page - OSRAM GmbH Q65110A7980 Datasheet HTML 8Page - OSRAM GmbH Q65110A7980 Datasheet HTML 9Page - OSRAM GmbH Q65110A7980 Datasheet HTML 10Page - OSRAM GmbH Q65110A7980 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Version 2.1
LW Y8SG
2014-10-16
7
Group Name on Label
Gruppenbezeichnung auf Etikett
Example: AA-3K-4
Beispiel: AA-3K-4
Brightness
Helligkeit
Chromaticity Coordinate
Farbort
Forward Voltage
Durchlassspannung
AA
3K
4
Note:
No packing unit / tape ever contains more than one group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Selektion enthalten.


Similar Part No. - Q65110A7980

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65110A7018 OSRAM-Q65110A7018 Datasheet
546Kb / 21P
   Coupling into Light Guides
Q65110A7019 OSRAM-Q65110A7019 Datasheet
546Kb / 21P
   Coupling into Light Guides
Q65110A7321 OSRAM-Q65110A7321 Datasheet
545Kb / 22P
   Information Displays
Q65110A7341 OSRAM-Q65110A7341 Datasheet
153Kb / 8P
   IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
Q65110A7501 OSRAM-Q65110A7501 Datasheet
642Kb / 23P
   6-lead MULTILED - RGB - white binned Enhanced optical Power LED (ThinFilm / ThinGaN) Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - Q65110A7980

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSGT77K OSRAM-LSGT77K Datasheet
365Kb / 16P
   coupling into light guides
LYT679 OSRAM-LYT679 Datasheet
440Kb / 19P
   Coupling into Light Guides
LYP47K OSRAM-LYP47K_13 Datasheet
519Kb / 20P
   Coupling into light guides
LBA6SG OSRAM-LBA6SG_15 Datasheet
551Kb / 21P
   Coupling into light guides
LGT770 OSRAM-LGT770 Datasheet
428Kb / 19P
   Coupling into Light Guides
LSP476 OSRAM-LSP476 Datasheet
599Kb / 21P
   Coupling into Light Guides
LCBA6SG OSRAM-LCBA6SG Datasheet
492Kb / 23P
   Coupling into light guides
LGP47K OSRAM-LGP47K_15 Datasheet
568Kb / 21P
   Coupling into Light Guides
LGY870 OSRAM-LGY870_14 Datasheet
498Kb / 20P
   Coupling into Light Guides
LOA67K OSRAM-LOA67K Datasheet
471Kb / 19P
   Coupling into light guides
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com