Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65110A9545 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # Q65110A9545
Description  Backlighting
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65110A9545 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button Q65110A9545 Datasheet HTML 6Page - OSRAM GmbH Q65110A9545 Datasheet HTML 7Page - OSRAM GmbH Q65110A9545 Datasheet HTML 8Page - OSRAM GmbH Q65110A9545 Datasheet HTML 9Page - OSRAM GmbH Q65110A9545 Datasheet HTML 10Page - OSRAM GmbH Q65110A9545 Datasheet HTML 11Page - OSRAM GmbH Q65110A9545 Datasheet HTML 12Page - OSRAM GmbH Q65110A9545 Datasheet HTML 13Page - OSRAM GmbH Q65110A9545 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
2015-06-12
10
Version 2.5
LW Y1SG
Forward Current 7) page 22 , 4) page 22
Durchlassstrom 7) Seite 22 , 4) Seite 22
IF = f (VF); TA = 25 °C
Relative Luminous Intensity 7) page 22 , 4) page 22
Relative Lichtstärke 7) Seite 22 , 4) Seite 22
IV/IV(20 mA) = f(IF); TA = 25 °C
OHL02743
mA
10
0
V
10
1
2
10
IF
VF
2.5 2.8
3.1 3.4 3.7 4.0
4.6
V (20 mA)
I
I
V
I
F
10 0
10 1
10 2
mA
10
-1
0
10
10
1
5
5
OHL02386


Similar Part No. - Q65110A9545

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65110A9549 OSRAM-Q65110A9549 Datasheet
164Kb / 9P
   IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
More results

Similar Description - Q65110A9545

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTW5SM OSRAM-LTW5SM Datasheet
633Kb / 21P
   Backlighting
LBE6SG OSRAM-LBE6SG Datasheet
604Kb / 21P
   Backlighting
LWQ38G OSRAM-LWQ38G Datasheet
562Kb / 22P
   Backlighting
LOE67F OSRAM-LOE67F Datasheet
445Kb / 20P
   Backlighting
LOM670 OSRAM-LOM670 Datasheet
479Kb / 19P
   Backlighting
LAT67D OSRAM-LAT67D Datasheet
757Kb / 20P
   Backlighting
LBQH9G OSRAM-LBQH9G Datasheet
741Kb / 21P
   Backlighting
LTPWSG OSRAM-LTPWSG Datasheet
759Kb / 22P
   Backlighting
KWDNLS31.RA OSRAM-KWDNLS31.RA Datasheet
738Kb / 24P
   Backlighting
LBE63C OSRAM-LBE63C_16 Datasheet
1Mb / 22P
   Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com