Electronic Components Datasheet Search |
|
NP0115AG03LCF-CDG14 Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
NP0115AG03LCF-CDG14 Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
5 / 6 page Series NP01 Subminiature Smooth Actuation Pushbuttons D78 D www.nkkswitches.com R = E – VF IF Where: R E V F I F = Resistor Value (Ohms) = Source Voltage (V) = Forward Voltage (V) = Forward Current (A) VF I F R + – E Anode Cathode LEDs are an integral part of the switch and not available separately. The electrical specifications shown are determined at a basic temperature of 25°C. If the source voltage exceeds the forward voltage, a ballast resistor is required. Specifications in parentheses ( ) below for Bicolor LED denote simultaneous illumination of Red and Green. LED COLORS & SPECIFICATIONS Amber LED Red or Green LEDs Red/Green Bicolor LED LC2 (+) L4 (-) L3 (-) LC1 (+) L2 (-) L1 (-) LC2 (+) L4 (-) Green L3 (-) Red LC1 (+) L2 (-) Red L1 (-) Green LC1 (+) L2 (-) L1 (-) Color ATTENTION ELECTROSTATIC SENSITIVE DEVICES Single Color LED Bicolor LED Red Amber Green Red Green Amber Blue Maximum Forward Current I FM 30mA 30mA 25mA 30 (25)mA 25 (25)mA 30mA 30mA Typical Forward Current I F 20mA 20mA 16mA 20 (20)mA 16 (5)mA 20mA 20mA Forward Voltage V F 1.95V 2.0V 3.3V 1.95V 3.3V 2.0V 3.2V Maximum Reverse Voltage V RM 5V 5V 5V 5V 5V 5V 5V Current Reduction Rate ∆I F 0.41mA/°C above 25°C 0.38mA/°C above 25°C 0.33mA/°C above 25°C 0.40mA/°C above 25°C 0.33mA/°C above 25°C 0.40mA/°C above 25°C 0.40mA/°C above 25°C Ambient Temperature Range –25° ~ +50°C –25° ~ +50°C C D F CF DG LC2 (+) L4 (-) Blue L3 (-) Amber LC1 (+) L2 (-) Amber L1 (-) Blue Amber/Blue Bicolor LED JB Cap for Single or Bicolor LED JC JD JF Clear Lens/White Diffuser Clear Lens/Red Diffuser Clear Lens/Amber Diffuser Clear Lens/Green Diffuser Alternating Legend Cap for Bicolor LED Material: Polycarbonate Resin Standard Alternating Legend Pairs AT3022 12mm Square Cap Material: Polycarbonate Resin AT3023 12mm Square Cap Clear Lens Alternating Legend Filter CAP TYPES & COLORS (10.2) .402 (12.0) Sq .472 (10.2) .402 (12.0) Sq .472 11 12 13 Cap illumination is alternating Green/Red or Blue/Amber; legend text is black. Contact factory for other Alternating Legends. Legend illustrations are approximate representations of the actual characters on the filters. ON OFF ON OFF START STOP 14 OPEN CLOSE Green/Red or Blue/Amber Green/Red or Blue/Amber Green/Red or Blue/Amber Green/Red or Blue/Amber JCF Red/Green Amber/Blue JDG |
Similar Part No. - NP0115AG03LCF-CDG14 |
|
Similar Description - NP0115AG03LCF-CDG14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |