Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV10625-N02V-1A-Z Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV10625-N02V-1A-Z
Description  blind spot detection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV10625-N02V-1A-Z Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV10625-N02V-1A-Z Datasheet HTML 1Page - OmniVision Technologies, Inc. OV10625-N02V-1A-Z Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industry-Leading Sensitivity and High Dynamic Range
for Next-Generation Automotive Applications
OV10625HDHDRproductbrief
lead free
available in
a lead-free
package
OmniVision's new OV10625 image sensor is a high
performance OmniHDR imaging solution that brings
industry-leading sensitivity and best-in-class high
dynamic range (HDR) to advanced driver assistance
systems (ADAS).
The sensor's benefits enable a host of ADAS features,
including: pedestrian detection, lane-departure warning,
lane keeping assist, blind spot detection, and traffic
signal recognition, among others.
The 1/3.2-inch OV10625 delivers HDR performance of
up to 120 dB combined with best-in-class low-light
sensitivity of 15 V/Lux-sec ensures accurate scene
reproduction in a wide range of driving conditions.
The OV10625 supports digital RAW data output and fits
into one of the industry's most compact and efficient
7.3 x 7.8 mm package.
Find out more at www.ovt.com.


Similar Part No. - OV10625-N02V-1A-Z

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV10620 OMNIVISION-OV10620 Datasheet
201Kb / 2P
   color high dynamic range CameraChip sensor for high-performance security camera applications
OV10620-C00A OMNIVISION-OV10620-C00A Datasheet
201Kb / 2P
   color high dynamic range CameraChip sensor for high-performance security camera applications
OV10626 OMNIVISION-OV10626 Datasheet
1,019Kb / 2P
   OV10626 HD HDR product brief
More results

Similar Description - OV10625-N02V-1A-Z

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TREK-154 ADVANTECH-TREK-154 Datasheet
262Kb / 1P
   Intelligent Blind Spot Detection Camera Module
14-Feb-2023
logo
Alcoa international inc...
99-3316-68 ALCOA-99-3316-68 Datasheet
130Kb / 2P
   Blind Rivet
logo
Pepperl+Fuchs Inc.
ICZ-AIDA1-B PF-ICZ-AIDA1-B Datasheet
537Kb / 1P
   Blind plug
V1-BV PF-V1-BV Datasheet
249Kb / 1P
   Blind plug
2020-03-24
logo
Alcoa international inc...
99-3307 ALCOA-99-3307 Datasheet
157Kb / 2P
   Blind Rivet
logo
Pepperl+Fuchs Inc.
VAZ-V1S-B PF-VAZ-V1S-B Datasheet
83Kb / 1P
   Blind plug
VAZ-V1-B3 PF-VAZ-V1-B3 Datasheet
138Kb / 1P
   Blind plug
VAZ-V3-B PF-VAZ-V3-B Datasheet
97Kb / 1P
   Blind plug
logo
Alcoa international inc...
99-3300 ALCOA-99-3300 Datasheet
123Kb / 2P
   Blind Rivet
99-3301 ALCOA-99-3301 Datasheet
122Kb / 2P
   Blind Rivet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com