Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV10640-N79Y-RF Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV10640-N79Y-RF
Description  rear view camera
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV10640-N79Y-RF Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV10640-N79Y-RF Datasheet HTML 1Page - OmniVision Technologies, Inc. OV10640-N79Y-RF Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬ Automotive
- 360° surround view system
- rear view camera
- lane departure warning/ lane keep assist
- blind spot detection
- night vision
- pedestrian detection
- traffic sign recognition
- occupant sensor
- camera monitoring system
- autonomous driving
Applications
¬
¬
¬
¬
¬
¬
support for image size:
- 1280x1080
- VGA
- QVGA and any cropped size
OmniHDR-S™ technology
high sensitivity
safety features
low power consumption
image sensor processor functions:
- automatic exposure/gain control
- lens correction
- defective pixel cancelation
- HDR combination and tone mapping
- automatic black level correction
supported output formats: RAW
horizontal and vertical sub-sampling
serial camera control bus (SCCB)
for register programming
high speed serial data transfer with
MIPI CSI-2, parallel 12-bit DVP output
external frame synchronization
capability
¬
¬
¬
¬
¬
Product Features
Functional Block Diagram
¬
OV10640-N79Y-PF
(color, lead-free, 78-pin a-CSP™,
rev 1, packed in tray
with protective film)
¬
OV10640-N79Y-RF
(color, lead-free, 78-pin a-CSP™,
rev 1, packed in tape &
reel with protective film)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
active array size: 1280 x 1080
power supply:
- analog: 3.14 ~ 3.47V
- digital: 1.425 ~ 1.575V
- DOVDD: 1.7 ~ 1.9V
- AVDD: 1.7 ~ 1.9V
power requirements:
- active: 360 mW
- standby: 100 µW
temperature range:
- operating: -40°C to +105°C sensor
ambient temperature and -40°C to
+125°C junction temperature
output interfaces: 12-bit DVP,
MIPI/LVDS CSI-2
output formats:
- 20-bit combined RAW
- 12-bit compressed combined RAW
- separated 12-bit RAW
- 2x12-bit compressed RAW
- 16-bit log domain combined RAW
- 3x12-bit uncompressed RAW
input clock frequency: 6 ~ 40 MHz
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
lens size: 1/2.56"
lens chief ray angle: 9°
scan mode: progressive
shutter: rolling shutter
maximum image transfer rate:
- full resolution: 60 fps
sensitivity: 8.4 V/lux-sec
max S/N ratio: 41.5 dB
dynamic range: 120 dB
pixel size: 4.2 µm x 4.2 µm
dark current: HCG 18 mV/s @ 60°C
junction temperature, LCG 6.6 mV/s
@ 60° junction temperature
image area: 5410 µm x 4570 µm
package dimensions:
7430 µm x 7190 µm
Product Specifications
Version 2.0, September, 2017
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision and the OmniVision logo are registered trademarks of
OmniVision Technologies, Inc. OmniBSI, OmniHDR-S, and a-CSP are trademarks of OmniVision
Technologies, Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV10640
OV10640
image sensor core
image signal
processor
output
interface
column
ADC (12b)
temperature
sensor
SCCB
interface
BLC,
DigGain
DPC, DNS, LENC,
HDR, ToneMap
AEC/AGC
stats engine
timing generator and
system control logic
image
array
gain control
PLL
1
PLL
2
OTP
DVP
MIPI
LVDS


Similar Part No. - OV10640-N79Y-RF

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV10642 OMNIVISION-OV10642 Datasheet
4Mb / 2P
   high dynamic range
OV10642-N79Y-1D-Z OMNIVISION-OV10642-N79Y-1D-Z Datasheet
4Mb / 2P
   high dynamic range
More results

Similar Description - OV10640-N79Y-RF

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV491 OMNIVISION-OV491 Datasheet
447Kb / 2P
   Rear View Camera
logo
Sharp Corporation
GL4910 SHARP-GL4910 Datasheet
43Kb / 4P
   Side View Type Infrared Emitting Diode for Camera AF (Automatic Focusing)
logo
Vishay Siliconix
IRMT6452 VISHAY-IRMT6452 Datasheet
595Kb / 7P
   SIDE VIEW IRMS6452/TOP VIEW
Revision 05-July-02
logo
Actel Corporation
A3P250 ACTEL-A3P250 Datasheet
538Kb / 1P
   Camera Interface
logo
Leopard Imaging Inc.
LI-ISX019-GMSL LEOPARD-LI-ISX019-GMSL Datasheet
614Kb / 6P
   SerDes Camera
LI-OV10640-490-SER LEOPARD-LI-OV10640-490-SER Datasheet
359Kb / 3P
   SerDes Camera
LI-OV10640-GMSL2-060H LEOPARD-LI-OV10640-GMSL2-060H Datasheet
646Kb / 7P
   SerDes Camera
LI-S5K2A1-FPDLINKIII LEOPARD-LI-S5K2A1-FPDLINKIII Datasheet
636Kb / 6P
   SerDes Camera
LI-OV10650-495-GMSL2 LEOPARD-LI-OV10650-495-GMSL2 Datasheet
749Kb / 7P
   SerDes Camera
logo
Advantech Co., Ltd.
ICAM-7000 ADVANTECH-ICAM-7000 Datasheet
221Kb / 1P
   Smart Camera
22-Dec-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com