Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR16200 Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # MBR16200
Description  SCHOTTKY Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

MBR16200 Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  MBR16200 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd MBR16200 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
 
S-B152
Rev.1.1, 29-Nov-14
www.21yangjie.com
MBR16100 THRU MBR16200
■ 特性曲线(典型) Characteristics(Typical)
020
40
60
80
100
0.1
1.0
10
100
1000
VRRM(%)
Tj=100
Tj=25
FIG4:Typical Reverse Characteristics
图4:反向电流曲线
1
图2:耐正向浪涌电流曲线
2
5
10
20
50
100
FIG2:Surge Forward Current Capadility
Number of Cycles at 60Hz
100
150
200
250
8.3ms Single
Half Since-Wave
JEDEC Method
300
50
0
0.2 0.3 0.4 0.5 0.6 0.7
0.1
0.2
0.5
VF(V)
图3:正向电压曲线
FIG3:Instantaneous Forward Voltage
1.0
10
20
60
5.0
Ta=25℃
0.8 0.9 1.0
0.1
0
MBR16100
MBR16150
MBR16200
100
1.1 1.2
0
0
Tc(℃)
图1:正向电流降额曲线
50
100
FIG1: IF(AV)--Tc Derating
150
IN DC
4.0
8.0
TC measure point
12.0
16.0
20.0
24.0
28.0


Similar Part No. - MBR16200

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MBR16200 NJSEMI-MBR16200 Datasheet
122Kb / 2P
   Schottky Barrier Rectifier
logo
Nantong Hornby Electron...
MBR16200 HORNBY-MBR16200 Datasheet
293Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
MBR16200 SAMYANG-MBR16200 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
MBR16200 SAMYANG-MBR16200 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR16200C UTC-MBR16200C Datasheet
157Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR16200

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com