Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR16-F60 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # MBR16-F60
Description  Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

MBR16-F60 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  MBR16-F60 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd MBR16-F60 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-B107
Rev. 1.2, 29-Nov-14
www.21yangjie.com
MBR1635F THRU MBR16150F
肖特基二极管 Schottky Rectifier
■特征
Features
■外形尺寸和印记
Outline Dimensions and Mark
● Io
16A
● VRRM
35V-150V
● 耐正向浪涌电流能力高
High surge current capability
● 封装:模压塑料
Cases: Molded plastic
■用途
Applications
●整流用 Rectifier
■极限值(绝对最大额定值)
Limiting Values (Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Conditions
MBR16-F
35
45
50
60
90
100
150
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
V
35
45
50
60
90
100
150
平均整流输出电流
Average Rectified Output Current
Io
A
正弦半波
60Hz,电阻负载,Tc(Fig.1)
60HZ Half-sine wave, Resistance
load, Tc(Fig.1)
16.0
正向(不重复)浪涌电流
Surge(Non-repetitive)Forward
Current
IFSM
A
正弦半波
60Hz,一个周期,Ta=25℃
60Hz Half-sine wave ,1 cycle ,
Ta =25℃
150
结温
Junction Temperature
TJ
-55 ~ +150
储存温度
Storage Temperature
TSTG
-55 ~ +150
■电特性
(Ta=25℃ 除非另有规定)
Electrical Characteristics (Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
MBR16-F
35
45
50
60
90
100 150
正向峰值电压
Peak Forward Voltage
V
F
V
I
F=16.0A
0.65
0.75
0.85
0.95
反向漏电流
Peak Reverse Current
I
RRM1
mA
VRM=VRRM
Ta =25℃
0.2
I
RRM2
Ta =100℃
15
10
5.0
热阻(典型)
Thermal
Resistance(Typical)
RθJ-C
/W
结和壳之间
Between junction and case
3.0
1)
备注:Notes:
1) 热电阻从结到本体,每管脚到散热片的尺寸为 2"×3"×0.25 的铝板
Thermal resistance from junction to case per leg with heat-sink size of 2"×3"×0.25" AL-plate
Dimensions in inches and (millimeters)
PIN1
PIN2
CASE
ITO-220AC
.421(10.7)
MAX
.150(3.8)
.102(2.6)
DIA
.140(3.56)
MAX
.201(5.1)
MAX
.031(0.80)
MAX
.126(3.2)
.08(2.1)
PIN1 2
3
.128(3.25)
.085(2.15)
.626(15.9)
.567(14.4)
.177(4.5)
MAX
.035(0.9)
MAX
.559(14.2)
.504(12.7)
.071(1.8)
MAX
.232(5.9)
.142(3.6)
COMPLIANT
RoHS


Similar Part No. - MBR16-F60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR16 VISHAY-MBR16 Datasheet
90Kb / 6P
   Schottky Rectifier, 16 A
Revision: 22-Aug-08
logo
Zibo Seno Electronic En...
MBR160 ZSELEC-MBR160 Datasheet
135Kb / 2P
   1.0A SCHOTTKY BARRIER DIODE
logo
Motorola, Inc
MBR160 MOTOROLA-MBR160 Datasheet
95Kb / 4P
   Axial Lead Rectifiers
logo
ON Semiconductor
MBR160 ONSEMI-MBR160 Datasheet
67Kb / 5P
   Axial Lead Rectifiers
June, 2006 ??Rev. 8
logo
Vishay Siliconix
MBR160 VISHAY-MBR160 Datasheet
84Kb / 5P
   Schottky Rectifier, 1 A
Revision: 06-Nov-08
More results

Similar Description - MBR16-F60

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com