Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR40100PT Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # MBR40100PT
Description  Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

MBR40100PT Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  MBR40100PT Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd MBR40100PT Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-B087
Rev.1.0,28-Nov-14
www.21yangjie.com
MBR4035PT THRU MBR40100PT
■特性曲线(典型) Characteristics(Typical)
50
1:正向电流降额曲线
FIG.1: FORWARD CURRENT DERATING CURVE
Tc(℃)
0
70
90
110
130
150
50
40
30
20
10
周波数
Number of Cycles
2:最大正向浪涌冲击耐受力
FIG.2: MAXIMUM NON-REPETITIVE FORWARD URGE CURRENT
8.3毫秒正弦半波
8.3ms Single Half Sine Wave
JEDEC Method
1
10
100
0
100
200
300
400
500
600
图4:典型反向特性曲线
FIG.4TYPICAL REVERSE CHARACTERISTICS
Voltage(%)
Tj=25
Tj=75
0
20
40
60
80
100
0.001
0.01
0.1
1.0
10
Tj=125
MBR4035PT-45PT
MBR4050PT-100PT
3: 典型正向特性曲线
FIG.3: TYPICAL FORWARD CHARACTERISTICS
0.01
VF(V)
TJ=25℃
Pulse width=300us
1% Duty Cycle
0.1
1.0
10
1.1
0.1
0.20.3
0.40.5
0.60.7
0.80.9
1.0
50
MBR4035PT-MBR4045PT
MBR4050PT-MBR4060PT
MBR4090PT-MBR40100PT


Similar Part No. - MBR40100PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR40100PT TSC-MBR40100PT Datasheet
113Kb / 2P
   40.0 AMPS. Schottky Barrier Rectifiers
logo
Nantong Hornby Electron...
MBR40100PT HORNBY-MBR40100PT Datasheet
290Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
MBR40100PT TSC-MBR40100PT Datasheet
371Kb / 2P
   40.0 AMPS. Schottky Barrier Rectifiers
logo
Zibo Seno Electronic En...
MBR40100PT ZSELEC-MBR40100PT Datasheet
166Kb / 2P
   40.0A SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
MBR40100PT PANJIT-MBR40100PT Datasheet
427Kb / 2P
   40 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR40100PT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com