Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR40-PT40 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # MBR40-PT40
Description  Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

MBR40-PT40 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  MBR40-PT40 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd MBR40-PT40 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-B087
Rev.1.0,28-Nov-14
www.21yangjie.com
MBR4035PT THRU MBR40100PT
肖特基二极管 Schottky Rectifier
■特征
Features
■外形尺寸和印记
Outline Dimensions and Mark
● Io
40A
● VRRM
35V-100V
● 耐正向浪涌电流能力高
High surge current capability
● 封装:模压塑料
Cases: Molded plastic
■用途
Applications
●整流用 Rectifier
■极限值(绝对最大额定值)
Limiting Values (Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Conditions
MBR40-PT
35
40
45
50
60
90
100
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
V
35
40
45
50
60
90
100
正向平均电流
Average Forward Current
IF(AV)
A
正弦半波
60Hz,电阻负载,Tc(Fig.1)
60HZ Half-sine wave, Resistance
load, Tc(Fig.1)
40.0
正向(不重复)浪涌电流
Surge(Non-repetitive)Forward
Current
IFSM
A
正弦半波
60Hz,一个周期,Ta=25℃
60Hz Half-sine wave ,1 cycle ,
Ta =25℃
400
结温
Junction Temperature
TJ
-55~+150
储存温度
Storage Temperature
TSTG
-55 ~ +150
■电特性
(Ta=25℃ 除非另有规定)
Electrical Characteristics (Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
MBR40-PT
35
40
45
50
60
90
100
正向峰值电压
Peak Forward Voltage
V
F
V
I
F=20.0A
0.70
0.75
0.85
反向漏电流
Peak Reverse Current
I
RRM1
mA
VRM=VRRM
Ta =25℃
1.0
I
RRM2
Ta =125℃
100
热阻(典型)
Thermal
Resistance(Typical)
RθJ-C
/W
结和壳之间
Between junction and case
1.2
TO-3P/TO-247


Similar Part No. - MBR40-PT40

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR400100 MCC-MBR400100 Datasheet
132Kb / 3P
   400 Amp Rectifier 20 to 100 Volts Schottky Barrier
MBR400100CT MCC-MBR400100CT Datasheet
132Kb / 3P
   400 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
TRANSYS Electronics Lim...
MBR400100CT TEL-MBR400100CT Datasheet
133Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 400A
logo
Microsemi Corporation
MBR400100CT MICROSEMI-MBR400100CT Datasheet
122Kb / 2P
   Schottky PowerMod
logo
America Semiconductor, ...
MBR400100CT AMERICASEMI-MBR400100CT Datasheet
599Kb / 2P
   HIGH POWER -SCHOTTKY RECTIFIERS
More results

Similar Description - MBR40-PT40

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com