Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP820CJ Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP820CJ
Description  8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP820CJ Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button COP820CJ Datasheet HTML 2Page - National Semiconductor (TI) COP820CJ Datasheet HTML 3Page - National Semiconductor (TI) COP820CJ Datasheet HTML 4Page - National Semiconductor (TI) COP820CJ Datasheet HTML 5Page - National Semiconductor (TI) COP820CJ Datasheet HTML 6Page - National Semiconductor (TI) COP820CJ Datasheet HTML 7Page - National Semiconductor (TI) COP820CJ Datasheet HTML 8Page - National Semiconductor (TI) COP820CJ Datasheet HTML 9Page - National Semiconductor (TI) COP820CJ Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
COP820CJ Pin Assignment
Port
Typ
ALT
16
20
28
Pin
Funct
Pin
Pin
Pin
L0
IO
MIWUCMPOUT
5
7
11
L1
IO
MIWUCMPINb
68
12
L2
IO
MIWUCMPINa
79
13
L3
IO
MIWU
8
10
14
L4
IO
MIWU
9
11
15
L5
IO
MIWU
10
12
16
L6
IO
MIWU
11
13
17
L7
IO
MIWUMODOUT
12
14
18
G0
IO
INTR
17
25
G1
IO
18
26
G2
IO
19
27
G3
IO
TIO
15
20
28
G4
IO
SO
1
1
G5
IO
SK
16
2
2
G6
I
SI
133
G7
I
CKO
2
4
4
I0
I
7
I1
I
8
I2
I
9
I3
I
10
D0
O
19
D1
O
20
D2
O
21
D3
O
22
VCC
466
GND
13
15
23
CKI
3
5
5
RESET
14
16
24
Pin Description
VCC and GND are the power supply pins
CKI
is the clock input This can come from an external
source a RC generated oscillator or a crystal (in conjunc-
tion with CKO) See Oscillator description
RESET
is the master reset input See Reset description
PORT I
is a 4-bit Hi-Z input port
PORT L
is an 8-bit IO port
There are two registers associated with the L port a data
register and a configuration register Therefore each L
IO bit can be individually configured under software control
as shown below
Port L
Port L
Port L
Config
Data
Setup
0
0
Hi-Z Input (TRI-STATE)
0
1
Input with Weak Pull-up
1
0
Push-pull Zero Output
1
1
Push-pull One Output
Three data memory address locations are allocated for this
port one each for data register 00D0
configuration regis-
ter 00D1 and the input pins 00D2
Port L has the following alternate features
L0 MIWU or CMPOUT
L1 MIWU or CMPINb
L2 MIWU or CMPINa
L3 MIWU
L4 MIWU (high sink current capability)
L5 MIWU (high sink current capability)
L6 MIWU (high sink current capability)
L7 MIWU or MODOUT (high sink current capability)
The selection of alternate Port L functions is done through
registers WKEN
00C9
to enable MIWU and CNTRL2
00CC to enable comparator and modulator
All eight L-pins have Schmitt Triggers on their inputs
PORT G
is an 8-bit port with 6 IO pins (G0 – G5) and 2 input
pins (G6 G7)
All eight G-pins have Schmitt Triggers on the inputs
There are two registers associated with the G port a data
register and a configuration register Therefore each G port
bit can be individually configured under software control as
shown below
Port G
Port G
Port G
Config
Data
Setup
0
0
Hi-Z Input (TRI-STATE)
0
1
Input with Weak Pull-up
1
0
Push-pull Zero Output
1
1
Push-pull One Output
Three data memory address locations are allocated for this
port one for data register 00D3 one for configuration reg-
ister 00D5 and one for the input pins 00D6
Since G6
and G7 are Hi-Z input only pins any attempt by the user to
configure them as outputs by writing a one to the configura-
tion register will be disregarded Reading the G6 and G7
configuration bits will return zeros Note that the device will
be placed in the Halt mode by writing a ‘‘1’’ to the G7 data
bit
Six pins of Port G have alternate features
G0 INTR (an external interrupt)
G3 TIO (timercounter inputoutput)
G4 SO (MICROWIRE serial data output)
G5 SK (MICROWIRE clock IO)
G6 SI (MICROWIRE serial data input)
G7 CKO crystal oscillator output (selected by mask option)
or HALT restart inputgeneral purpose input (if clock
option is RC or external clock)
http
www nationalcom
6


Similar Part No. - COP820CJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP820CJ NSC-COP820CJ Datasheet
497Kb / 35P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
More results

Similar Description - COP820CJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP840CJ NSC-COP840CJ Datasheet
479Kb / 36P
   8-Bit Microcontrollers with Multi-Input Wake-Up and Brown Out Detector
COPCH823CJ NSC-COPCH823CJ Datasheet
425Kb / 32P
   8-bit Microcontroller with with Multi-Input Wake Up and Brown Detecter
COP820CJ NSC-COP820CJ Datasheet
497Kb / 35P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
COP884CG NSC-COP884CG Datasheet
482Kb / 42P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COPEG888 NSC-COPEG888 Datasheet
550Kb / 48P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
logo
ATMEL Corporation
T89C5121 ATMEL-T89C5121 Datasheet
800Kb / 110P
   8-bit Microcontroller with Multi protocol SMART Card Interface
T83C5121 ATMEL-T83C5121_03 Datasheet
817Kb / 108P
   8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
logo
Infineon Technologies A...
ICE2PCS04 INFINEON-ICE2PCS04 Datasheet
507Kb / 19P
   Standalone PFC Controller in CCM with Input Brown-Out Protection
Version 2.0, 10 Oct 2007
logo
Monolithic Power System...
MA780 MPS-MA780 Datasheet
1Mb / 32P
   8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
Rev. 1.2 8/30/2021
logo
SINOWEALTH Electronic L...
SH79F3218 SINOWEALTH-SH79F3218 Datasheet
1Mb / 143P
   8051 Microcontroller with 8 channels Touch-key input and 12 Bit PWM
V2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com