Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S32F Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # S32F
Description  Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

S32F Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  S32F Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd S32F Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
 
S-S090
Rev. 1.5, 28-Apr-14
www.21yangjie.com
S32F THRU S320F
肖特基二极管 Schottky Rectifier
■特征 Features
■外形尺寸
Outline Dimensions and Mark
Io
3.0A
VRRM
20V~200V
低正向电压,低功耗
Low VF,Low power loss
耐正向浪涌电流能力高
High surge forward current capability
用途 Applications
整流用
Rectifier
极限值(绝对最大额定值)
Limiting Values(Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
S3
2F
3F
4F
5F
6F
8F 10F 15F 20F
反向重复峰值电压
Repetitive Peak Reverse
Voltage
VRRM
V
20
30
40
50
60
80
100 150 200
平均整流输出电流
Average Rectified Output
Current
IO
A
60Hz单向半波,电阻负载,Ta=75℃
60Hz One-way half-wave, R-load,Ta=75℃
3.0
正向(不重复)浪涌电流
Surge(Non-repetitive)
Forward Current
IFSM
A
60HZ正弦波,一个周期,Tj=25℃
60HZ sine wave, 1 cycle, Tj=25℃
70
存储温度
Storage Temperature
Tstg
-55 ~+150
结温
Junction Temperature
Tj
-55 ~+125
-55 ~+150
电特性 (Ta=25℃ 除非另有规定)
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
S3
2F
3F
4F
5F
6F
8F 10F 15F 20F
正向峰值电压
Peak Forward Voltage
VFM
V
IFM=3.0A
0.50
0.70
0.85
0.90
反向峰值电流
Peak Reverse Current
IRRM
mA
VRM=VRRM , Ta=25℃
0.5
热阻
Thermal Resistance
RθJ-L
℃/W
结和引线之间
Between junction and lead
20
COMPLIANT
RoHS
.142(3.60)
.134(3.40)
.110(2.80)
.094(2.40)
.057(1.45)
.053(1.35)
.189(4.80)
.173(4.40)
.009(0.22)
.006(0.15)
.049(1.25)
.041(1.05)
Dimensions in inches and (millimeters)
SMAF
0.075
(1.9)
0.063
(1.6)
0.232
(5.9)
0.106
(2.7)
.039(1.00)
.020(0.50)


Similar Part No. - S32F

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S32F NKK-S32F Datasheet
447Kb / 10P
   Medium/High Capacity Standard Size Toggles
logo
RFE international
S32F RFE-S32F Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-09-2022
More results

Similar Description - S32F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com