Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8782CJ Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8782CJ
Description  8-Bit One-Time Programmable (OTP) Microcontroller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8782CJ Datasheet(HTML) 3 Page - National Semiconductor (TI)

  COP8782CJ Datasheet HTML 1Page - National Semiconductor (TI) COP8782CJ Datasheet HTML 2Page - National Semiconductor (TI) COP8782CJ Datasheet HTML 3Page - National Semiconductor (TI) COP8782CJ Datasheet HTML 4Page - National Semiconductor (TI) COP8782CJ Datasheet HTML 5Page - National Semiconductor (TI) COP8782CJ Datasheet HTML 6Page - National Semiconductor (TI) COP8782CJ Datasheet HTML 7Page - National Semiconductor (TI) COP8782CJ Datasheet HTML 8Page - National Semiconductor (TI) COP8782CJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
COP8780CCOP8781CCOP8782C
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)7V
Programming Voltage VPP (RESET pin)
and ME (pin G6)
134V
Voltage at any Pin
b
03V to VCC a 03V
Total Current into VCC Pin (Source)
50 mA
Total Current out of GND Pin (Sink)
60 mA
Storage Temperature Range
b
65 Cto a150 C
Note
Absolute maximum ratings indicate limits beyond
which damage to the device may occur DC and AC electri-
cal specifications are not ensured when operating the de-
vice at absolute maximum ratings
DC Electrical Characteristics COP87XXC b40 C s TA s a85 C unless otherwise specified
Parameter
Condition
Min
Typ
Max
Units
Operating Voltage
45
60
V
Power Supply Ripple (Note 1)
Peak to Peak
01 VCC
V
Supply Current
CKI e 10 MHz (Note 2)
VCC e 6V tc e 1 ms21
mA
HALT Current (Note 3)
VCC e 6V CKI e 0 MHz
10
m
A
Input Levels
RESET CKI
Logic High
09 VCC
V
Logic Low
01 VCC
V
All Other Inputs
Logic High
07 VCC
V
Logic Low
02 VCC
V
Hi-Z Input Leakage
VCC e 60V
b
2
a
2
m
A
Input Pullup Current
VCC e 60V VIN e 0V
b
40
b
250
m
A
G Port Input Hysteresis
(Note 6)
005 VCC
V
Output Current Levels
D Outputs
Source
VCC e 45V VOH e 38V
b
04
mA
Sink
VCC e 45V VOL e 10V
10
mA
All Others
Source (Weak Pull-Up)
VCC e 45V VOH e 32V
b
10
b
110
m
A
Source (Push-Pull Mode)
VCC e 45V VOH e 38V
b
04
mA
Sink (Push-Pull Mode)
VCC e 45V VOL e 04V
16
mA
TRI-STATE Leakage
b
20
a
20
m
A
Allowable SinkSource
Current per Pin
D Outputs (Sink)
15
mA
All Others
3mA
Maximum Input Current (Notes 4 6)
Room Temp
g
200
mA
without Latchup (Room Temp)
RAM Retention Voltage Vr
20
V
(Note 5)
Input Capacitance
(Note 6)
7
pF
Load Capacitance on D2
(Note 6)
1000
pF
Note 1
Rate of voltage change must be less than 05Vms
Note 2
Supply current is measured after running 2000 cycles with a square wave CKI input CKO open inputs at rails and outputs open
Note 3
The HALT mode will stop CKI from oscillating in the RC and the crystal configurations Halt test conditions All Inputs tied to VCC L C and G port IO’s
configured as outputs and programmed low D outputs programmed low the window for UV erasable packages is completely covered with an opaque cover to
prevent light from falling onto the die during HALT mode test Parameter refers to HALT mode entered via setting bit 7 of the G Port data register
Note 4
Pins G6 and RESET are designed with a high voltage input network for factory testing These pins allow input voltages greater than VCC and the pins will
have sink current to VCC when biased at voltages greater than VCC (the pins do not have source current when biased at a voltage below VCC) The effective
resistance to VCC is 750X (typ) These two pins will not latch up The voltage at the pins must be limited to less than 14V
Note 5
To maintain RAM integrity the voltage must not be dropped or raised instantaneously
Note 6
Parameter characterized but not tested
http
www nationalcom
3


Similar Part No. - COP8782CJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8720C NSC-COP8720C Datasheet
831Kb / 19P
   SINGLE-CHIP MICROCMOS MICROCONTROLLERS
COP8720CN NSC-COP8720CN Datasheet
831Kb / 19P
   SINGLE-CHIP MICROCMOS MICROCONTROLLERS
COP8720CV NSC-COP8720CV Datasheet
831Kb / 19P
   SINGLE-CHIP MICROCMOS MICROCONTROLLERS
COP8721C NSC-COP8721C Datasheet
831Kb / 19P
   SINGLE-CHIP MICROCMOS MICROCONTROLLERS
COP8721CN NSC-COP8721CN Datasheet
831Kb / 19P
   SINGLE-CHIP MICROCMOS MICROCONTROLLERS
More results

Similar Description - COP8782CJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88KG NSC-COP87L88KG Datasheet
443Kb / 42P
   8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
COP87L88GG NSC-COP87L88GG Datasheet
439Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with UART and Three Multi-Function Timers
COP87L88RW NSC-COP87L88RW Datasheet
419Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with Pulse Train Generators and Capture Modules
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com