Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF65G Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # SF65G
Description  Super Fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SF65G Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  SF65G Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SF65G Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-A163
Rev. 1.3, 28-Apr-14
www.21yangjie.com
SF61G THRU SF68G
■特性曲线(典型) Characteristics(Typical)
FIG.4 典型反向特性曲线
TYPICAL REVERSE CHARACTERISTICS
Voltage(%)
Tj=100℃
Tj=125℃
Tj=25℃
0.001
0.01
0
20
40
60
80
100
0.1
1.0
10
100
SF61G-SF64G
SF65G-SF66G
SF67G-SF68G
周波数
Number of Cycles
FIG.2 最大正向浪涌冲击耐受力
MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
12
4
6
8 10
20
40
60 80 100
60
120
180
210
0
30
90
150
FIG.3 典型正向特性曲线
TYPICAL FORWARD CHARACTERISTICS
TJ=25℃
Pulse width=300us
1% Duty Cycle
0.01
0.6
VF(V)
0.8
1.0
1.2
1.4
0.1
100
1.0
10
2.0
1.6
1.8
SF61G-SF64G
SF65G-SF66G
SF67G-SF68G
反向恢复时间试验电路及测试波形示意图
Diagram of circuit and Testing wave form of reverse recovery time
-0.25
-1.0
+0.5
/
(-)
(+)
(-)
(+)
50Ω
10Ω
=7
=1 Ω 22
=10
.
Ω
0
1 . 2
2 . 4
3 . 6
50
1 0 0
150
FIG.1
正向电流降额曲线
FORWARD CURRENT DERATING CURVE
S
ingle Phase
Half Wave 60HZ
Resisteve or
Inductive Load
0.375''(9.5mm)
Lead Length
Ta(℃)
100
4.8
6.0
0


Similar Part No. - SF65G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF65G TSC-SF65G Datasheet
67Kb / 2P
   6.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Thinki Semiconductor Co...
SF65G THINKISEMI-SF65G Datasheet
1Mb / 4P
   6.0 Amperes Glass Passivated Super Fast Recovery Rectifier Diode
Rev.11T
logo
Jinan Gude Electronic D...
SF65G JGD-SF65G Datasheet
173Kb / 2P
   6.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
RFE international
SF65G RFE-SF65G Datasheet
2Mb / 3P
   Super Fast Recovery Rectifier
09-26-2022
logo
Taiwan Semiconductor Co...
SF65G TSC-SF65G Datasheet
261Kb / 2P
   6.0 AMPS. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF65G

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SF11 YANGJIE-SF11 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
   SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
   SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
   SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
SF101 JINANJINGHENG-SF101 Datasheet
88Kb / 2P
   SUPER FAST RECTIFIER
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SF31 CHENG-YI-SF31 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
SF51 CHENG-YI-SF51 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
   SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com