Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS62180 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS62180
Description  T1 FRAMER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180 Datasheet(HTML) 1 Page - Cirrus Logic

  CS62180 Datasheet HTML 1Page - Cirrus Logic CS62180 Datasheet HTML 2Page - Cirrus Logic CS62180 Datasheet HTML 3Page - Cirrus Logic CS62180 Datasheet HTML 4Page - Cirrus Logic CS62180 Datasheet HTML 5Page - Cirrus Logic CS62180 Datasheet HTML 6Page - Cirrus Logic CS62180 Datasheet HTML 7Page - Cirrus Logic CS62180 Datasheet HTML 8Page - Cirrus Logic CS62180 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Features
Monolithic T1 Framing Device
CS62180B Supports SF(D4®), T1DM,
ESF and SLC-96® Framing Formats
CS62180B Contains Updated AIS and
Carrier Loss Detection Criteria
CS62180B is Pin Compatible with
DS2180A, and DS2180
General Description
The CS62180B is a monolithic CMOS device
which encodes and decodes T1 framing formats.
The device supports bit-seven and B8ZS zero suppres-
sion, and bit-robbed signaling. Clear channel mode can
be selected on a per channel basis.
The serial interface has been enhanced to allow
the CS62180B to share a chip select signal and
register address space with the CS61535A,
CS61574A, and CS61575 Line Interface Units.
Applications
T1 Line Cards
ISDN Primary Rate Line Cards
Ordering Information:
CS62180B-IL 44 Pin PLCC
-40 to 85
°C
DEC '03
DS225PP2
1
Cirrus Logic, Inc.
www.cirrus.com
T1 Framer
CS62180B
Serial
Interface
Registers
Control
VDD
VSS
TEST
TSER TABCD
TSIGSEL
TMO
TCHCLK
TSIGFR
TPOS
TNEG
TMSYNC
TFSYNC
Transmit Timing
Data
Selector
F-Bit Data
Yellow Alarm
Bipolar
Coder
Transmitter
Data
DeMUX
Synchronizer
RLOS
RBV
RCL
RPOS
RNEG
RFER
RCLK
RMSYNC RFSYNC
Code Gen.
Receive Sync
Controller
CRC
Receiver
Receive
Timing
Bipolar
Decoder
SCLK
SDI
SDO
SPS
RSER
RABCD
RLINK
RLCLK
RSIGFR
RSIGSEL
RCHCLK
TCLK
TLCLK
TLINK
CS
INT
RST
3
11
10
28
27
39
37
36
34
35
38
24
7
6
4
8
12
13
40
20
33
32
1
2
59
14
17
18
15
16
19
26
29
22
23
30
31
25
Alarm
Detect
RYEL
21
RBL (CS2180B-IL only)
CRC
Copyright
© Cirrus Logic, Inc 2003
(All Rights Reserved)


Similar Part No. - CS62180

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS6219 YONGFUKANG-CS6219 Datasheet
767Kb / 21P
   3.0W/CH
logo
Vishay Siliconix
CS6219K51K500B1234 VISHAY-CS6219K51K500B1234 Datasheet
85Kb / 2P
   Customer Special Roundwire Resistor (CS62)
CS6219K51K500B1234 VISHAY-CS6219K51K500B1234 Datasheet
72Kb / 2P
   Customer Special Roundwire Resistor (CS62), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, RDEF, RDSF, RDEA, RDSA
01-Jan-2022
CS6219K55L000B1234 VISHAY-CS6219K55L000B1234 Datasheet
85Kb / 2P
   Customer Special Roundwire Resistor (CS62)
CS6219K55L000B1234 VISHAY-CS6219K55L000B1234 Datasheet
72Kb / 2P
   Customer Special Roundwire Resistor (CS62), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, RDEF, RDSF, RDEA, RDSA
01-Jan-2022
More results

Similar Description - CS62180

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4344 PMC-PM4344 Datasheet
80Kb / 2P
   Quad T1 Framer
PM4341A PMC-PM4341A Datasheet
1,015Kb / 2P
   T1 FRAMER/TRANSCEIVER
PM4388-1 PMC-PM4388-1 Datasheet
74Kb / 2P
   Octal T1 Framer
PM4388 PMC-PM4388 Datasheet
63Kb / 2P
   Octal T1 Framer
PM4388 PMC-PM4388 Datasheet
1Mb / 284P
   OCTAL T1 FRAMER
logo
Dallas Semiconductor
DS21Q41B DALLAS-DS21Q41B Datasheet
714Kb / 61P
   Quad T1 Framer
logo
Maxim Integrated Produc...
DS21Q41B MAXIM-DS21Q41B Datasheet
713Kb / 61P
   Quad T1 Framer
092299
DS2196 MAXIM-DS2196 Datasheet
739Kb / 157P
   T1 Dual Framer LIU
093002
logo
Dallas Semiconductor
DS21Q42 DALLAS-DS21Q42 Datasheet
1Mb / 119P
   Enhanced QUAD T1 FRAMER
DS2196 DALLAS-DS2196 Datasheet
734Kb / 157P
   T1 Dual Framer LIU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com