Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS62180 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS62180
Description  T1 FRAMER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS62180 Datasheet HTML 8Page - Cirrus Logic CS62180 Datasheet HTML 9Page - Cirrus Logic CS62180 Datasheet HTML 10Page - Cirrus Logic CS62180 Datasheet HTML 11Page - Cirrus Logic CS62180 Datasheet HTML 12Page - Cirrus Logic CS62180 Datasheet HTML 13Page - Cirrus Logic CS62180 Datasheet HTML 14Page - Cirrus Logic CS62180 Datasheet HTML 15Page - Cirrus Logic CS62180 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
TRANSMITTER
The transmit sides of the CS62180B
have three types of inputs, the clock,
sync, and data inputs. Control is handled through
the serial port in host mode, and through the
mode control pins in hardware mode (see the last
section for a description of hardware mode op-
eration).
Input Data
None of the data inputs are buffered, so the data
at each input must be available at the appropriate
time for the CS62180B to multiplex
into the output stream. All inputs are
sampled on the falling edge of TCLK. The delay
from input to output is 10 TCLK cycles.
NRZ data for DS0 channels is input on TSER.
Framing bits (FT or FPS bits) and CRC data may
either be generated internally or supplied by the
host system. If this data is to be externally sup-
plied, it must be inserted into the DS0 input
stream at the appropriate frames and input via
TSER.
S-bits may be generated internally, or externally
provided via TLINK. FDL bits are always pro-
vided externally on TLINK. Bit-ro bbe d
signaling, when enabled, is always sampled at
TABCD. The CS62180B muxes
in data from these 3 sources (TSER, TLINK, and
TABCD) automatically depending on the trans-
mitter configuration.
Output Data
The completed T1 data stream, ready for line
transmission, is output on TPOS/TNEG. For op-
eration with a line interface which is transparent
to line coding, the output can be set to dual-
unipolar format by clearing bit 7 of the Transmit
Control Register (TCR.7). TCR.7 should be set
to a "1" for operation with a line interface which
provides AMI or B8ZS coding. In this configura-
tion, the data will be output on TPOS in NRZ
format, and TNEG will remain low. When oper-
ating in hardware mode, output defaults to the
dual-unipolar format. TPOS and TNEG may not
be tied together, so an external OR gate is rec-
ommended if NRZ output is required while in
hardware mode.
Frame/Multiframe Synchronization
The CS62180B maintain timing
for frame and multiframe alignment with internal
counters driven by TCLK. The timing signals
generated by those counters are output on
TCHCLK, TMO, TSIGSEL, TSIGFR, and
TLCLK. These counters determine when the
CS62180B will insert F-bits and
sample external signaling data. The frame and
multiframe counters can be reset independently
via TMSYNC and TFSYNC. If left to run with-
out a sync pulse, the CS62180B
will arbitrarily choose a framing alignment.
A low to high transition of TMSYNC, occurring
near the rising edge of TCLK, resets the
CS62180B’s counters to mark
the bit-period concurrent with the next falling
edge of TCLK as the F-bit of the first frame of a
new superframe. All other timing will be set to
match the superframe alignment automatically.
TMSYNC may be pulsed once at start-up and
left low, or left running in sync with superframe
timing.
A low to high transition of TFSYNC, occurring
near the rising edge of TCLK, resets the
CS62180B’s counters to mark
the bit-period concurrent with the next falling
edge of TCLK as the F-bit of a new frame. If
TMSYNC is used to set superframe alignment,
frame alignment will also be set, and TFSYNC
may be tied low. There is, of course, no harm in
using both TMSYNC and TFSYNC together, as
TFSYNC has no effect on multiframe alignment
if it is in sync. If, however, TFSYNC is used out
of sync with TMSYNC, the superframe align-
CS62180B
12
DS225PP2


Similar Part No. - CS62180

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS6219 YONGFUKANG-CS6219 Datasheet
767Kb / 21P
   3.0W/CH
logo
Vishay Siliconix
CS6219K51K500B1234 VISHAY-CS6219K51K500B1234 Datasheet
85Kb / 2P
   Customer Special Roundwire Resistor (CS62)
CS6219K51K500B1234 VISHAY-CS6219K51K500B1234 Datasheet
72Kb / 2P
   Customer Special Roundwire Resistor (CS62), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, RDEF, RDSF, RDEA, RDSA
01-Jan-2022
CS6219K55L000B1234 VISHAY-CS6219K55L000B1234 Datasheet
85Kb / 2P
   Customer Special Roundwire Resistor (CS62)
CS6219K55L000B1234 VISHAY-CS6219K55L000B1234 Datasheet
72Kb / 2P
   Customer Special Roundwire Resistor (CS62), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, RDEF, RDSF, RDEA, RDSA
01-Jan-2022
More results

Similar Description - CS62180

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4344 PMC-PM4344 Datasheet
80Kb / 2P
   Quad T1 Framer
PM4341A PMC-PM4341A Datasheet
1,015Kb / 2P
   T1 FRAMER/TRANSCEIVER
PM4388-1 PMC-PM4388-1 Datasheet
74Kb / 2P
   Octal T1 Framer
PM4388 PMC-PM4388 Datasheet
63Kb / 2P
   Octal T1 Framer
PM4388 PMC-PM4388 Datasheet
1Mb / 284P
   OCTAL T1 FRAMER
logo
Dallas Semiconductor
DS21Q41B DALLAS-DS21Q41B Datasheet
714Kb / 61P
   Quad T1 Framer
logo
Maxim Integrated Produc...
DS21Q41B MAXIM-DS21Q41B Datasheet
713Kb / 61P
   Quad T1 Framer
092299
DS2196 MAXIM-DS2196 Datasheet
739Kb / 157P
   T1 Dual Framer LIU
093002
logo
Dallas Semiconductor
DS21Q42 DALLAS-DS21Q42 Datasheet
1Mb / 119P
   Enhanced QUAD T1 FRAMER
DS2196 DALLAS-DS2196 Datasheet
734Kb / 157P
   T1 Dual Framer LIU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com