Selected language     English  â–Ľ


CS62180 Datasheet(PDF) 3 Page - Cirrus Logic

Part No. CS62180
Description  T1 FRAMER
Download  50 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 
 3 page
background image
SCLK
SDO
MSB
High-Z
High-Z
CS
CDZ
t
CDV
t
CDH2
t
Serial Port Read Timing
13. Serial port write must precede a port read to provide address information.
14. SDO will go High-Z: 1) if CS returns high at anytime; 2) after outputing MSB.
SCLK
SDI
LSB
LSB
MSB
Control Byte
Data Byte
DC
t
CC
t
CH
t
CDH1
t
CL
t
CDH1
t
CCH
t
CWH
t
CS
Serial Port Write Timing
11. In the CS62180B, data is latched on the rising edge of SCLK.
12. Shaded regions indicate
don’t care states.
SWITCHING CHARACTERISTICS - SERIAL PORT
(TA = -40 to 85
°C; VDD = 5V ± 10%; VIH = 2.0V; VIL = 0.8V; Maximum input rise & fall times of 10 ns)
Parameter
Symbol
Min
Typ
Max
Units
SDI to SCLK Setup
tDC
50
-
-
ns
SCLK to SDI Hold
tCDH1
50
-
-
ns
SCLK Low Time
tCL
250
-
-
ns
SCLK High Time
tCH
250
-
-
ns
SCLK Rise & Fall Times
(Note 9)
tR, tF
-
-
500
ns
CS to SCLK Set up
tCC
50
-
-
ns
SCLK to CS Hold
tCCH
50
-
-
ns
CS Inactive Time
tCWH
250
-
-
ns
SCLK to SDO Valid
(Note 9)
tCDV
-
-
200
ns
SCLK Rising to MSB of SDO Hold
(Note 10)
tCDH2
25
-
-
ns
CS to SDO High-Z
tCDZ
-
-
75
ns
Notes: 9. Output load capacitance = 100 pF.
10. SDO goes High-Z after rising edge of SCLK for MSB, regardless of the state of CS.
CS62180B
DS225PP2
3




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PM5316Quad Channel 155 Mbit/s SONET/SDH Framer and Aligner 1 2 3 4 PMC-Sierra, Inc
MH89760BST-BUS™ FAMILY T1/ESF Framer & Interface Preliminary Information 1 2 3 4 5 MoreMitel Networks Corporation
PEF22554Quad E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications 1 2 3 4 5 MoreInfineon Technologies AG
LXP710HDSL Framer/Mapper for 1168 kbps Applications 1 2 Level One
XRT94L55SONET/SDH OC-48/STM-16 4XOC-12/STM-4 16XOC-3/STM-1 FRAMER/CONCENTRATOR WITH INTEGRATED CDR’S 1 2 Exar Corporation
MC92052FTTC User Framer 1 2 3 4 5 MoreMotorola, Inc
PM6341E1 FRAMER/TRANSCEIVER 1 2 PMC-Sierra, Inc
MH89770T1/ESF Framer & Interface Preliminary Information 1 2 3 4 5 MoreMitel Networks Corporation
PEF22554HTQuad E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications 1 2 3 4 5 MoreInfineon Technologies AG
XRT72L52TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER 1 2 3 4 5 MoreExar Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl