Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAC03-GB Datasheet(PDF) 3 Page - Recom International Power

Part # RAC03-GB
Description  3 Watt Single Output EMC Class B
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC03-GB Datasheet(HTML) 3 Page - Recom International Power

  RAC03-GB Datasheet HTML 1Page - Recom International Power RAC03-GB Datasheet HTML 2Page - Recom International Power RAC03-GB Datasheet HTML 3Page - Recom International Power RAC03-GB Datasheet HTML 4Page - Recom International Power RAC03-GB Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PA-3
REV.: 2/2017
www.recom-power.com
AC/DC Converter
Specifications (measured @ ta=25°C, nom. Vin, full load unless otherwise noted)
RAC03-GB
Series
PROTECTIONS
Parameter
Type
Value
Input Fuse
internal
T1A, 300V
Short Circuit Protection (SCP)
below 100m
long-term mode, auto recovery
Over Voltage Protection (OVP)
5Vout
12Vout
24Vout
5.3V - 6.8V, hiccup mode auto recovery
12.6V - 16.2V, hiccup mode auto recovery
25.2V - 32.4V, hiccup mode auto recovery
Over Current Protection (OCP)
5Vout
12Vout
24Vout
0.91A - 2.2A, hiccup mode auto recovery
0.37A - 0.95A, hiccup mode auto recovery
0.19A - 0.45A, hiccup mode auto recovery
Class of Equipment
Class II
Over Voltage Category (OVC)
OVC II
Isolation Voltage(5)
I/P to O/P
rated for 1 minute
3kVAC/10mA
Isolation Resistance
10M
Ω min.
Isolation Capacitance
800pF min., 1200pF max.
Insulation Grade
Reinforced
Leakage Current
277VAC, 50Hz
0.1mA max.
U
L N
Notes:
Note5: For repeat Hi-Pot testing, reduce the time and/or the test voltage
Note6: For operation at 230VAC, an external MOV is recommended. The Varistor should comply with IEC61051-2. eg. EPCOS S14 series
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
@ natural convection 1m/s
see graph
without derating
-40°C to +70°C
Maximum Case Temperature
+100°C
Temperature Coefficient
±0.03%/°C
Operating Altitude
3000m
Operating Humidity
non-condensing
5% - 95% RH
Pollution Degree
PD2
Shock
20G/11ms pulse, 3 times at each x, y, z axes
Vibration
10-150Hz, 2G 10min./1cycle, period 60min.
along x,y,z axes for 6 cycles
MTBF
according to MIL-HDBK-217F, G.B.
+25°C
+70°C
100 x 103 hours
17 x 103 hours
continued on next page


Similar Part No. - RAC03-GB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC03-GB RECOM-RAC03-GB Datasheet
1Mb / 6P
   3 Watt Single Output EMC Class B
RAC03-GB RECOM-RAC03-GB Datasheet
1Mb / 4P
   Up to 488VAC input voltage range
RAC03-GB RECOM-RAC03-GB_18 Datasheet
1Mb / 6P
   3 Watt Single Output EMC Class B
More results

Similar Description - RAC03-GB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC03-GB RECOM-RAC03-GB_18 Datasheet
1Mb / 6P
   3 Watt Single Output EMC Class B
RAC02-GB RECOM-RAC02-GB Datasheet
400Kb / 5P
   2 Watt Single Output EMC Class B
RAC04-GB RECOM-RAC04-GB_18 Datasheet
1Mb / 6P
   4 Watt Single Output EMC Class B
RAC04-GB RECOM-RAC04-GB Datasheet
438Kb / 5P
   4 Watt Single Output EMC Class B
RAC01-GB RECOM-RAC01-GB Datasheet
401Kb / 5P
   1 Watt Single Output EMC Class B
RAC03-GA RECOM-RAC03-GA Datasheet
1Mb / 5P
   3 Watt Single Output EMC Class A
RAC04-GA RECOM-RAC04-GA Datasheet
1Mb / 5P
   4 Watt Single Output EMC Class A
RAC03-SE-277 RECOM-RAC03-SE-277 Datasheet
419Kb / 4P
   3 Watt Single Output
RAC03-SE RECOM-RAC03-SE Datasheet
293Kb / 3P
   3 Watt Single Output
RAC03-SER RECOM-RAC03-SER Datasheet
354Kb / 3P
   3 Watt Single Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com