Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC15-xx15S Datasheet(PDF) 1 Page - Recom International Power

Part # REC15-xx15S
Description  15 Watt DIP24 Metal Case Single and Dual
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC15-xx15S Datasheet(HTML) 1 Page - Recom International Power

  REC15-xx15S Datasheet HTML 1Page - Recom International Power REC15-xx15S Datasheet HTML 2Page - Recom International Power REC15-xx15S Datasheet HTML 3Page - Recom International Power REC15-xx15S Datasheet HTML 4Page - Recom International Power REC15-xx15S Datasheet HTML 5Page - Recom International Power REC15-xx15S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ECO-1
REV.: 0/2017
www.recom-power.com
15 Watt
DIP24
Metal Case
Single and Dual
DC/DC Converter
Features
Regulated
Converters
• 15W in 2” x 1” Package
• 2kVDC And 3kVDC Isolation Options
• 2:1 or 4:1 Input Voltage Range
• Continuous Short Circuit Protection (Power Limiting)
• Full SMD Internal Design
• Synchronous Rectification On 3.4V & 5.1V Outputs
• CTRL Pin Option
REC15-S_D(Z)/M
Description
The REC15-xxxxS_D/M -series offer single and dual regulated outputs in a 2”x1” package with 2kVDC
or 3kVDC isolation options and are suitable for higher power industrial applications. Remote on/off
control is standard. The converters can deliver 150% rated power for short periods of time to cope with
applications with large capacitive loads or high start up currents. The outputs with 3A load current have
raised output voltages to compensate for track losses as standard.
3 YEAR
warranty
3
Selection Guide
Part
Input
Output
Output
Efficiency
max. Capacitive
Number
Voltage Range
Voltage
Current
typ. (1)
Load
[VDC]
[VDC]
[mA]
[%]
[µF]
REC15-xx3.4S
9-18, 18-36, 36-75
3.4
3000
84-85
3300
REC15-xx5.1S
9-18, 18-36, 36-75
5.1
3000
86-87
3300
REC15-xx12S
9-18, 18-36, 36-75
12
1250
85-86
3300
REC15-xx15S
9-18, 18-36, 36-75
15
1000
85-86
3300
REC15-xx05D
9-18, 18-36, 36-75
±5
±1500
82-83
±1500
REC15-xx12D
9-18, 18-36, 36-75
±12
±625
85-86
±1000
REC15-xx15D
9-18, 18-36, 36-75
±15
±500
85-86
±1000
REC15-xx3.4SZ
9-36, 18-75
3.4
3000
84-85
3300
REC15-xx5.1SZ
9-36, 18-75
5.1
3000
87
3300
REC15-xx12SZ
9-36, 18-75
12
1250
86
3300
REC15-xx15SZ
9-36, 18-75
15
1000
86
3300
REC15-xx05DZ
9-36, 18-75
±5
±1500
83
±1500
REC15-xx12DZ
9-36, 18-75
±12
±625
86
±1000
REC15-xx15DZ
9-36, 18-75
±15
±500
86
±1000
Notes:
Note1: Efficiency is tested at nominal input and full load at +25°C ambient.
Notes:
Note2: add „
Z“ for 4:1 Input Voltage (24= 9-36VDC or 48= 18-75VDC)
Note3: „
/H2“ = 2kVDC isolation
/H3“ = 3kVDC isolation
Note4: without suffix, standard Pinning with CTRL Pin
with suffix „/X2“, without CTRL Pin
Model Numbering
CTRL Pin (4)
Metal Case
Isolation (3)
2:1 or 4:1 Input (2)
nom. Input Voltage
Output Voltage
Single or Dual
REC15-__ __ _ _/H_/M/X2
Ordering Examples:
REC15-125.1S/H3/M
9-18Vin
5.1Vout
Single output
2:1 input
3kVDC isolation
with CTRL Pin
REC15-2412DZ/H2/M/X2
9-36Vin
±12Vout
Dual output
4:1 input
2kVDC isolation
without CTRL Pin
REC15-2412S/H3/M
18-36Vin
12Vout
Single Output
2:1 input
3kVDC isolation
with CTRL Pin
REC15-4815DZ/H2/M
18-75Vin
±15Vout
Dual Output
4:1 input
2kVDC isolation
with CTRL Pin
REC15-2405SZ/H2/M/X2
18-36
24Vout
Single Ouptut
2:1 input
2kVDC isolation
without CTRL Pin
E224736
IEC60950-1 + AM2 Certified
EN60950-1 + AM2 Certified
UL60950-1 Certified
IEC/EN60601-1 Certified
CB Report


Similar Part No. - REC15-xx15S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC15-xx15S/H/M RECOM-REC15-xx15S/H/M Datasheet
120Kb / 2P
   The REC15-xxxxS_D/M -series offer single and dual regulated outputs in a 2?쓝1??package with 2kVDC or 3kVDC isolation options and are suitable for higher power industrial applications.
REC15-XX15SRWB RECOM-REC15-XX15SRWB Datasheet
95Kb / 2P
   REC15-S/DRWB(Z) Ser., 15W, 2 x 2, Regul., Wide Input 2 : 1 AND 4 : 1 (Single AND Dual Output)
REC15-XX15SRWBZ RECOM-REC15-XX15SRWBZ Datasheet
95Kb / 2P
   REC15-S/DRWB(Z) Ser., 15W, 2 x 2, Regul., Wide Input 2 : 1 AND 4 : 1 (Single AND Dual Output)
REC15-xx15SZ/H/M RECOM-REC15-xx15SZ/H/M Datasheet
120Kb / 2P
   The REC15-xxxxS_D/M -series offer single and dual regulated outputs in a 2?쓝1??package with 2kVDC or 3kVDC isolation options and are suitable for higher power industrial applications.
More results

Similar Description - REC15-xx15S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP06-RAW RECOM-RP06-RAW Datasheet
878Kb / 9P
   6 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP03-RAW RECOM-RP03-RAW Datasheet
878Kb / 9P
   3 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-RAW RECOM-RP10-RAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
REC2.2-123.3SRWH1 RECOM-REC2.2-123.3SRWH1 Datasheet
85Kb / 3P
   2.2 Watt DIP24 Single & Dual Output
RP12-122.5SA RECOM-RP12-122.5SA Datasheet
93Kb / 4P
   12 Watt DIP24 Single & Dual Output
REC3-123.3SRH1 RECOM-REC3-123.3SRH1 Datasheet
85Kb / 2P
   2 Watt DIP24 Single & Dual Output
REC2.2-123.3SR RECOM-REC2.2-123.3SR Datasheet
85Kb / 2P
   2.2 Watt DIP24 Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com