Selected language     English  â–Ľ


CS62180B Datasheet(PDF) 8 Page - Cirrus Logic

Part No. CS62180B
Description  T1 FRAMER
Download  50 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 8 page
background image
HOST MODE
Serial Interface
For applications in which the device is to interface
with a host processor, the CS62180B can
be configured to run in host modeby tying the
Serial Port Select pin (SPS) to the +5V supply
(VDD). This allows access to the serial port,
providing a large number of configuration options
via the 16 on-chip control and status registers.
Serial read/write timing, controlled by SCLK, is
entirely independent of the transmit and receive
timing. This allows the host microcontroller to
monitor the status register and counters, modify
configuration options, and issue commands asyn-
chronously with the T1 system. A serial timing
overview is provided in Figure 1.
All data transfers are initiated by setting Chip Se-
lect (CS) low. Any read or write to the serial port is
initiated by writing an 8-bit command word. The
command word consists of 4 separate fields (see
Figure 2). When reading from the port, data is out-
put on the falling edge of SCLK, and held until the
next falling edge.
All data is written to and read from the port LSB
first. When writing to the port, SDI input data is
sampled on the rising edge of SCLK.
D0 (LSB) is the R/W field, and specifies whether
the current operation is to be a read or a write: 1 =
read, 0 = write. The second 4 bits (D1 - D4) con-
tain the address field. Written LSB first, they
specify which of the sixteen registers to access. D5
(Device Select) should be set to zero when address-
ing the CS62180B. However, if the CS62180B
shares the same serial interface lines with a
Cirrus TI Line Interface (see Figure 3), D5 will be
set to a "1" when addressing the Line Interface device.
The CS62180B will ignore any read/write
commandswith a "1" in D5,
allowing both parts to share CS.
D6 is reserved, and must be set to 0 for normal
operation.
7
(MSB)
654321
0
(LSB)
BM
0
DS
ADD3
ADD2
ADD1
ADD0
R/W
0
Individual
Set to "0"
0
CS62180B
(MSB)
Register Address Field
(LSB)
0Write
1
Burst
1
Crystal
LIU
1
Read
Figure 2. Address Command Byte (ACB)
R/W
ADD0 ADD1 ADD2 ADD3
0
0
BM
D7
D6
D5
D4
D3
D2
D1
D0
CS
SCLK
SDO
SDI
Write Address Command Byte (ACB)
Read or Write Register Data
D6
D5
D4
D3
D2
D1
D0
D7
Figure 1. Serial Read/Write Timing
CS62180B
8
DS225PP2




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PM5316Quad Channel 155 Mbit/s SONET/SDH Framer and Aligner 1 2 3 4 PMC-Sierra, Inc
MH89760BST-BUS™ FAMILY T1/ESF Framer & Interface Preliminary Information 1 2 3 4 5 MoreMitel Networks Corporation
PEF22554Quad E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications 1 2 3 4 5 MoreInfineon Technologies AG
LXP710HDSL Framer/Mapper for 1168 kbps Applications 1 2 Level One
XRT94L55SONET/SDH OC-48/STM-16 4XOC-12/STM-4 16XOC-3/STM-1 FRAMER/CONCENTRATOR WITH INTEGRATED CDR’S 1 2 Exar Corporation
MC92052FTTC User Framer 1 2 3 4 5 MoreMotorola, Inc
PM6341E1 FRAMER/TRANSCEIVER 1 2 PMC-Sierra, Inc
MH89770T1/ESF Framer & Interface Preliminary Information 1 2 3 4 5 MoreMitel Networks Corporation
PEF22554HTQuad E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications 1 2 3 4 5 MoreInfineon Technologies AG
XRT72L52TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER 1 2 3 4 5 MoreExar Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl