Electronic Components Datasheet Search
Selected language     English  â–Ľ


CS62180B Datasheet(PDF) 9 Page - Cirrus Logic

Part No. CS62180B
Description  T1 FRAMER
Download  50 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 9 page
background image
D7 (MSB) specifies burst mode if set to 1. When
using burst mode, the address field of the com-
mand word must be "0000", any other value will
invalidate the command, and the CS62180B
will simply ignore it. This effectively
means that the command for a burst write is 80
(hex) and a burst read is 81 (hex).
Burst mode allows the sixteen registers to be
consecutively read or written. Writing all regis-
ters allows fast initialization at power-up or
system reset. (Note that the Receiver Status Reg-
ister, RSR, is read-only, so a write during burst
mode will have no effect.) When using burst
mode, registers are read or written in address or-
der, 0000 (RSR) to 1111 (RMR3). Burst mode
ends on the first rising edge of CS. See Table 1
for a complete list of the CS62180B
on-chip registers.
ACLKI
TCLK
RCLK
RPOS
RNEG
TPOS
TNEG
CS62180B
MODE
V+
TCLK
TPOS
TNEG
RNEG
RPOS
RCLK
SCLK
SDO
SDI
TO HOST CONTROLLER
CS61535A
CS61574A or CS61575
CS
SPS
SCLK
SDO
SDI
CS
1.544 MHz
CLOCK
SIGNAL
CLKE
Figure 3. Interfacing to a Crystal T1 LIU.
ADDR
(T) TRANSMIT
REGISTER NAME AND DESCRIPTION
(R) RECEIVE
0000
RSR
Receive Status Register - A read only register which reports all active receiver
alarm conditions.
R
0001
RIMR
Receive Interrupt Mask Register - A mask which allows selection of individual
alarm conditions for generation of hardware interrupt.
R
0010
BVCR
Bipolar Violation Count Register - A bipolar violation alarm is generated after
this 8 bit counter surpasses it’s user definable limit.
R
0011
ECR
Error Count Register - Two separate 4 bit counters, which record OOF errors,
and frame bit or CRC errors. Like BVCR, each can be preset to a saturation
point.
R
0100
CCR
Common Control Register - Selects global configuration options, such as:
framing mode, zero suppression, or loopback.
T/R
0101
RCR
Receive Control Register - Selects receiver specific options, such as the resync
algorithm or insertion of digital milliwatt codes.
R
0110
TCR
Transmit Control Register - Selects transmitter specific options, such as alarm
generation, clear or idle channel enable, and external S-bit or CRC insertion.
T
0111
1000
1001
TIR1
TIR2
TIR3
Transmit Idle Registers - Each bit of the three TIR registers corresponds to an
individual DS0 channel. When set, that channel is replaced with an idle code.
T
1010
1011
1100
TTR1
TTR2
TTR3
Transmit Transparent Registers - Each bit corresponds to a DS0 channel. When
set, that signaling and B7 zero suppression is disabled for that channel.
T
1101
1110
1111
RMR1
RMR2
RMR3
Receive Mark Registers - Each bit corresponds to a DS0 channel. When set, the
channel data is replaced with an idle or digital milliwatt code.
R
Table 1. On-Chip Registers
CS62180B
DS225PP2
9




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PM5316Quad Channel 155 Mbit/s SONET/SDH Framer and Aligner 1 2 3 4 PMC-Sierra, Inc
MH89760BST-BUS™ FAMILY T1/ESF Framer & Interface Preliminary Information 1 2 3 4 5 MoreMitel Networks Corporation
PEF22554Quad E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications 1 2 3 4 5 MoreInfineon Technologies AG
LXP710HDSL Framer/Mapper for 1168 kbps Applications 1 2 Level One
XRT94L55SONET/SDH OC-48/STM-16 4XOC-12/STM-4 16XOC-3/STM-1 FRAMER/CONCENTRATOR WITH INTEGRATED CDR’S 1 2 Exar Corporation
MC92052FTTC User Framer 1 2 3 4 5 MoreMotorola, Inc
PM6341E1 FRAMER/TRANSCEIVER 1 2 PMC-Sierra, Inc
MH89770T1/ESF Framer & Interface Preliminary Information 1 2 3 4 5 MoreMitel Networks Corporation
PEF22554HTQuad E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications 1 2 3 4 5 MoreInfineon Technologies AG
XRT72L52TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER 1 2 3 4 5 MoreExar Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl