Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS62180B Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS62180B
Description  T1 FRAMER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180B Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS62180B Datasheet HTML 13Page - Cirrus Logic CS62180B Datasheet HTML 14Page - Cirrus Logic CS62180B Datasheet HTML 15Page - Cirrus Logic CS62180B Datasheet HTML 16Page - Cirrus Logic CS62180B Datasheet HTML 17Page - Cirrus Logic CS62180B Datasheet HTML 18Page - Cirrus Logic CS62180B Datasheet HTML 19Page - Cirrus Logic CS62180B Datasheet HTML 20Page - Cirrus Logic CS62180B Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
inputs all other DL bits on TLINK using
TLCLK.
Note: When using internal S-bit generation
(TCR.2 = 0) in conjunction with external FT bit
insertion (TCR.6 = 1), the CS62180B
will logically ’OR’ the value at TSER
with the internally generated value. This means
that the data on TSER during S-bit periods
should always be "0" to avoid corrupting the
generated FS pattern.
Transmit Idle Code Select
TCR.3: TIS
Individual DS0 channels can be replaced with
idle codes by setting the corresponding bits in
the Transmit Idle Registers (TIR1 - TIR3) de-
scribed below. TIS (TCR.3) selects which of two
codes to use. A "0" in TCR.3 will cause a 7F
(hex) to be inserted into the channels specified in
the TIR. Setting TCR.3 to a "1" will select an FF
(hex) code. By asserting all 24 channels idle in
the TIR, this setting can be used to generate a
"framed" blue alarm. Whichever mode is se-
lected, bit-robbed signaling will still effect idle
channels unless they are programmed clear (see
Transmit Transparent Registers, below).
Robbed Bit Signaling Enable
TCR.4: RBSE
A "0" in RBSE (TCR.4) will disable bit-robbed
signaling. Setting TCR.4 to a "1" will enable sig-
naling in all channels. In this mode, data on
TABCD is inserted into the LSB of all DS0
channels during signaling frames. For mixed
voice and data transmission, individual DS0
channels can be programmed clear by setting the
corresponding bits in the Transmit Transparent
Registers (TTR1 - TTR3) described below.
CRC Pass-through
TCR.5: TCP
In 193E framing mode, the CRC bits (F-bit of
frames 2, 6, 10, 14, 18, and 22) may be either
generated internally, or supplied by the user.
Clearing TCP (TCR.5) causes the CS62180B
to generate and insert the CRC bits
automatically. If TCR.5 is set to a "1", data
for the CRC channel may be externally supplied.
When using this mode, CRC bits are sampled
from TSER, and must be externally multiplexed
into the DS0 channel data at the F-bit times of
CRC frames.
FT/FPS Pass Through
TCR.6: TFPT
When TFPT (TCR.6) is clear, the framing bits
for 193S, T1DM and SLC-96
® (FT), or 193E
(FPS) are generated internally and automatically
inserted into the outgoing data stream. Setting
TCR.6 to a "1" allows the framing bits to be ex-
ternally provided. When using this mode,
framing bits are sampled from TSER, and must
be externally multiplexed into the DS0 channel
data at the F-bit times of the appropriate frames.
See note under TCR.2, above.
Output Data Format
TCR.7: ODF
ODF (TCR.7) allows the format of the output
data at TPOS/TNEG to be set to either dual-
unipolar or NRZ format. Clearing TCR.7 selects
for dual-unipolar format on TPOS/TNEG. Set-
ting TCR.7 to a "1" causes data to be output on
TPOS in NRZ format, and TNEG is held low.
When operating in hardware mode, output de-
faults to the dual-unipolar format. TPOS and
TNEG may not be tied together, so an external
OR gate is recommended if NRZ is required
while in hardware mode.
CS62180B
DS225PP2
17


Similar Part No. - CS62180B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS6219 YONGFUKANG-CS6219 Datasheet
767Kb / 21P
   3.0W/CH
logo
Vishay Siliconix
CS6219K51K500B1234 VISHAY-CS6219K51K500B1234 Datasheet
85Kb / 2P
   Customer Special Roundwire Resistor (CS62)
CS6219K51K500B1234 VISHAY-CS6219K51K500B1234 Datasheet
72Kb / 2P
   Customer Special Roundwire Resistor (CS62), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, RDEF, RDSF, RDEA, RDSA
01-Jan-2022
CS6219K55L000B1234 VISHAY-CS6219K55L000B1234 Datasheet
85Kb / 2P
   Customer Special Roundwire Resistor (CS62)
CS6219K55L000B1234 VISHAY-CS6219K55L000B1234 Datasheet
72Kb / 2P
   Customer Special Roundwire Resistor (CS62), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, RDEF, RDSF, RDEA, RDSA
01-Jan-2022
More results

Similar Description - CS62180B

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4344 PMC-PM4344 Datasheet
80Kb / 2P
   Quad T1 Framer
PM4341A PMC-PM4341A Datasheet
1,015Kb / 2P
   T1 FRAMER/TRANSCEIVER
PM4388-1 PMC-PM4388-1 Datasheet
74Kb / 2P
   Octal T1 Framer
PM4388 PMC-PM4388 Datasheet
63Kb / 2P
   Octal T1 Framer
PM4388 PMC-PM4388 Datasheet
1Mb / 284P
   OCTAL T1 FRAMER
logo
Dallas Semiconductor
DS21Q41B DALLAS-DS21Q41B Datasheet
714Kb / 61P
   Quad T1 Framer
logo
Maxim Integrated Produc...
DS21Q41B MAXIM-DS21Q41B Datasheet
713Kb / 61P
   Quad T1 Framer
092299
DS2196 MAXIM-DS2196 Datasheet
739Kb / 157P
   T1 Dual Framer LIU
093002
logo
Dallas Semiconductor
DS21Q42 DALLAS-DS21Q42 Datasheet
1Mb / 119P
   Enhanced QUAD T1 FRAMER
DS2196 DALLAS-DS2196 Datasheet
734Kb / 157P
   T1 Dual Framer LIU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com