Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX74002 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CX74002
Description  Silicon Germanium CDMA Transmit/Dual PLL RFlC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CX74002 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CX74002 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX74002 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
features
and
specifications
www.conexant.com
Further Information
literature@conexant.com
(800) 854-8099 (North America)
(949) 483-6996 (International)
Order # 101066A
00-0880
Wireless Communications
Printed in USA
World Headquarters
Conexant Systems, Inc.
4311 Jamboree Road
Newport Beach, CA
92660-3007
Phone: (949) 483-4600
Fax 1: (949) 483-4078
Fax 2: (949) 483-4391
Americas
U.S. Northwest – Santa Clara
Phone: (408) 249 -9696
Fax: (408) 249 -7113
U.S. Southwest – Los Angeles
Phone: (805) 376 -0559
Fax: (805) 376 - 8180
U.S. Southwest – Newport Beach
Phone: (949) 483-9119
Fax: (949) 483-9090
U.S. San Diego
Phone: (858) 713-4730
Fax: (858) 713-4008
U.S. North Central – Illinois
Phone: (630) 773-3454
Fax: (630) 773 -3907
U.S. South Central/Mexico
– Texas
Phone: (972) 871-1920
Fax: (972) 871-8910
U.S. Northeast – Massachusetts
Phone: (978) 367-3200
Fax: (978) 256 - 6868
U.S. Carolinas – North Carolina
Phone: (919) 858 -9110
Fax: (919) 858 - 8669
U.S. Southeast/South America
– Florida
Phone: (727) 799 - 8406
Fax: (727) 799 - 8306
U.S. Mid-Atlantic – Pennsylvania
Phone: (215) 244- 6784
Fax: (215) 244- 9292
Canada – Ontario
Phone: (613) 271-2358
Fax: (613) 271-2359
Europe
Europe Central – Germany
Phone: +49 89 829 -1320
Fax: +49 89 834-2734
Europe North – England
Phone: +44 1344 486444
Fax: +44 1344 486555
Europe – Israel/Greece
Phone: +972 9 9524000
Fax: +972 9 9573732
Europe South – France
Phone: +33 1 41 44 36 51
Fax: +33 1 41 44 36 90
Europe Mediterranean – Italy
Phone: +39 02 93179911
Fax: +39 02 93179913
Europe – Sweden
Phone: +46 (0) 8 5091 4319
Fax: +46 (0) 8 590 041 10
Europe – Finland
Phone: +358 (0) 9 85 666 435
Fax: +358 (0) 9 85 666 220
Asia Pacific
Taiwan
Phone: (886 -2) 2-720-0282
Fax: (886 -2) 2-757- 6760
Australia
Phone: (61-2) 9869 4088
Fax: (61-2) 9869 4077
China – Central
Phone: 86 -21- 6361-2515
Fax: 86 -21- 6361-2516
China – South
Phone: (852) 2 827- 0181
Fax: (852) 2 827- 6488
China – South (Satellite)
Phone: (86) 755 -5182495
Fax: (86 ) 755 -5183024
China – North
Phone: (86 -10) 8529 - 9777
Fax: (86 -10) 8529 - 9778
India
Phone: (91-11) 692-4789
Fax: (91-11) 692 -4712
Korea
Phone: (82-2) 565-2880
Fax: (82-2) 565-1440
Korea (Satellite)
Phone: (82-53) 745-2880
Fax: (82-53) 745-1440
Singapore
Phone: (65) 737 7355
Fax: (65) 737 9077
Japan
Phone: (81-3) 5371 1520
Fax: (81-3) 5371 1501
CX74002 Tx ASIC block diagram
Package dimensions — 40-pin 6mm x 6mm LGA package
Product Features
• Image reject upconverter saves two
RF surface acoustic waves (SAWs) filters
in dual-band applications
• Driver gain can be changed either by a con-
tinuous signal or by a step signal through
the driver gain control signal
• 100-800 MHz oscillator (external tank)
• VCO_ON feature to increase the talk time of
the radio
• Two separate phase lock loop (PLL) synthesizers
• Dual-loop multiband operation
• Power-save mode for both standby and lower-
frequency operation
• Fully programmable PLL dividers
• Selectable charge–pump currents for multi-
VCO applications controlled via serial bus
interface
Applications
• cdmaOne, cdma2000 and AMPS modes in the
following bands:
– U.S. cellular
– Japan cellular
– U.S. PC S
– Korea PCS
• WCDMA in the IMT-2000 band
Conexant and the Conexant symbol are trademarks of Conexant Systems, Inc.
The CX74002, along with Conexant’s CX74001 receive RFIC, a Conexant
power amplifier module, and Conexant’s baseband analog processor forms
a complete RF subsystem that interfaces with the most common cdma
baseband devices.


Similar Part No. - CX74002

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX74001 SKYWORKS-CX74001 Datasheet
664Kb / 23P
   Rx ASIC for CDMA, AMPS, and PCS Applications
CX74005 SKYWORKS-CX74005 Datasheet
349Kb / 14P
   VGA I/Q Demodulator Rx ASIC for Portable Phone Applications
More results

Similar Description - CX74002

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2668 RFMD-RF2668 Datasheet
430Kb / 16P
   CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER WITH INTEGRATED PLL
RF2609 RFMD-RF2609 Datasheet
94Kb / 8P
   CDMA/FM TRANSMIT AGC AMPLIFIER
logo
Stanford Microdevices
STM-2016 STANFORD-STM-2016 Datasheet
134Kb / 7P
   1800 - 2200 MHz High Linearity Silicon Germanium Active Transmit Mixer
logo
RF Micro Devices
RF2619 RFMD-RF2619 Datasheet
114Kb / 8P
   3V CDMA/FM TRANSMIT AGC AMPLIFIER
logo
ams AG
AS3801 AMSCO-AS3801 Datasheet
75Kb / 7P
   CDMA/FM TRANSMIT AGC AMPLIFIER AS3801
logo
RF Micro Devices
RF2629 RFMD-RF2629 Datasheet
103Kb / 6P
   3V CDMA/FM TRANSMIT AGC AMPLIFIER
RF9678 RFMD-RF9678 Datasheet
200Kb / 16P
   W-CDMA TRANSMIT MODULATOR AND IF AGC
RF9958 RFMD-RF9958 Datasheet
129Kb / 12P
   CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
logo
Zarlink Semiconductor I...
MGCT04 ZARLINK-MGCT04 Datasheet
343Kb / 12P
   Transmit Circuit for TDMA/AMPS and CDMA/AMPS
logo
Analog Devices
EVAL-ADF4112EB1 AD-EVAL-ADF4112EB1 Datasheet
176Kb / 6P
   CDMA Evaluation Board For PLL Frequency Synthesizer
REV.PrA 04/00
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com