Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC15-xx12SZ Datasheet(PDF) 5 Page - Recom International Power

Part # REC15-xx12SZ
Description  15 Watt DIP24 Metal Case Single and Dual
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC15-xx12SZ Datasheet(HTML) 5 Page - Recom International Power

  REC15-xx12SZ Datasheet HTML 1Page - Recom International Power REC15-xx12SZ Datasheet HTML 2Page - Recom International Power REC15-xx12SZ Datasheet HTML 3Page - Recom International Power REC15-xx12SZ Datasheet HTML 4Page - Recom International Power REC15-xx12SZ Datasheet HTML 5Page - Recom International Power REC15-xx12SZ Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
Information Technology Equipment, General Requirements for Safety (LVD)
E224736-A19
UL60950-1, 2nd Edition, 2007
CAN/CSA-C22.2 No. 60950-1-03, 2nd Edition, 2007
Information Technology Equipment, General Requirements for Safety (CB Scheme)
1310058-1
IEC60950-1:2005, 2nd Edition + 2009
EN60950-1, 2nd Edition, 2011
Information Technology Equipment, General Requirements for Safety (LVD)
LVD1605077-01
IEC60950-1:2005, 2nd Edition + A2:2013
EN60950-1:2006 + A2:2013
Medical electrical equipment Part 1: General requirements for basic safety and
essential performance
MDD12060585
IEC60601-1, 3rd Edition, 2007
EN60601-1, 2006
Risk Management
RM12060585
ISO14971:2007
RoHs2
RoHS 6/6, 2011/65/EU + AM-2015/863
EMC Compliance
Condition
Standard / Criterion
Information technology equipment - Radio disturbance characteristics - Limits
and methods of measurement
with external filter
EN55022, Class B
DC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
REC15-S_D(Z)/M
Series
EMC Filtering Suggestions for EN55022 Class B
ECO-5
REV.: 0/2017
www.recom-power.com
100
80 90
71
60
40
20
0
-20
-40
0
20
40
60
80
100
Ambient Temperature [°C]
65
4:1 Input Voltage
2:1 Input Voltage
C1
C2
C3
L1
C1
C2
C4
C3
L1
+Vin
-Vin
+Vout
-Vout
+Vin
-Vin
+Vout
-Vout
Com
Derating Graph
(@ Chamber and natural convection 0.1m/s)
Single Output
Dual Output
according to EN55022 Class B
Vin
C1 C2 C3 C4
L1
12VDC
10µF
3.3nF
CMC, 1200µH
WE 7446723001
24VDC
4.7µF
48VDC
2.2µF


Similar Part No. - REC15-xx12SZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC15-xx12SZ/H/M RECOM-REC15-xx12SZ/H/M Datasheet
120Kb / 2P
   The REC15-xxxxS_D/M -series offer single and dual regulated outputs in a 2?쓝1??package with 2kVDC or 3kVDC isolation options and are suitable for higher power industrial applications.
More results

Similar Description - REC15-xx12SZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP06-RAW RECOM-RP06-RAW Datasheet
878Kb / 9P
   6 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP03-RAW RECOM-RP03-RAW Datasheet
878Kb / 9P
   3 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-RAW RECOM-RP10-RAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
REC2.2-123.3SRWH1 RECOM-REC2.2-123.3SRWH1 Datasheet
85Kb / 3P
   2.2 Watt DIP24 Single & Dual Output
RP12-122.5SA RECOM-RP12-122.5SA Datasheet
93Kb / 4P
   12 Watt DIP24 Single & Dual Output
REC3-123.3SRH1 RECOM-REC3-123.3SRH1 Datasheet
85Kb / 2P
   2 Watt DIP24 Single & Dual Output
REC2.2-123.3SR RECOM-REC2.2-123.3SR Datasheet
85Kb / 2P
   2.2 Watt DIP24 Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com