Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC15-xx15SZ Datasheet(PDF) 6 Page - Recom International Power

Part # REC15-xx15SZ
Description  15 Watt DIP24 Metal Case Single and Dual
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC15-xx15SZ Datasheet(HTML) 6 Page - Recom International Power

  REC15-xx15SZ Datasheet HTML 1Page - Recom International Power REC15-xx15SZ Datasheet HTML 2Page - Recom International Power REC15-xx15SZ Datasheet HTML 3Page - Recom International Power REC15-xx15SZ Datasheet HTML 4Page - Recom International Power REC15-xx15SZ Datasheet HTML 5Page - Recom International Power REC15-xx15SZ Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
PCB
Potting
nickel plated metal, (UL94 V-2)
FR4 (UL94-V-1)
epoxy (UL94 V-0)
Package Dimension (LxWxH)
50.8 x 25.4 x 10.2mm
Package Weight
27g typ.
REC15-S_D(Z)/M
Series
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
DC/DC Converter
ECO-6
REV.: 0/2017
www.recom-power.com
PACKAGING INFORMATION
Packaging Dimension (LxWxH)
tube
276.0 x 54.5 x 21.0mm
Packaging Quantity
10pcs
Storage Temperature Range
-55°C to +105°C
Storage Humidity
95% RH max.
Dimension Drawing DIP24 metal case (mm)
1
3
4
5
2
6
25.4
Ø 1.00
1.3Ø +0.15/-0
2.54
20.32
15.24
15.24
10.16
10.16
20.32
50.8
Bottom View
Top View
Recommended Footprint Details
Pin Connection
Pin #
Single
Dual
Single /X2
Dual /X2
1
+Vin
+Vin
+Vin
+Vin
2
-Vin
-Vin
-Vin
-Vin
3
+Vout
+Vout
+Vout
+Vout
4
No Pin
Com
No Pin
Com
5
-Vout
-Vout
-Vout
-Vout
6
CTRL
CTRL
No Pin
No Pin
Tolerance: xx.x= ±0.5mm
xx.xx= ±0.35mm
The product information and specifications may be subject to changes even without prior written notice.The product has been designed for various applications; its suitability lies in the responsibility of each customer. The
products are not authorized for use in safety-critical applications without RECOM’s explicit written consent. A safety-critical application is an application where a failure may reasonably be expected to endanger or cause
loss of life, inflict bodily harm or damage property. The applicant shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized
use of RECOM products in such safety-critical applications.


Similar Part No. - REC15-xx15SZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC15-xx15SZ/H/M RECOM-REC15-xx15SZ/H/M Datasheet
120Kb / 2P
   The REC15-xxxxS_D/M -series offer single and dual regulated outputs in a 2?쓝1??package with 2kVDC or 3kVDC isolation options and are suitable for higher power industrial applications.
More results

Similar Description - REC15-xx15SZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP06-RAW RECOM-RP06-RAW Datasheet
878Kb / 9P
   6 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP03-RAW RECOM-RP03-RAW Datasheet
878Kb / 9P
   3 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-RAW RECOM-RP10-RAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
REC2.2-123.3SRWH1 RECOM-REC2.2-123.3SRWH1 Datasheet
85Kb / 3P
   2.2 Watt DIP24 Single & Dual Output
RP12-122.5SA RECOM-RP12-122.5SA Datasheet
93Kb / 4P
   12 Watt DIP24 Single & Dual Output
REC3-123.3SRH1 RECOM-REC3-123.3SRH1 Datasheet
85Kb / 2P
   2 Watt DIP24 Single & Dual Output
REC2.2-123.3SR RECOM-REC2.2-123.3SR Datasheet
85Kb / 2P
   2.2 Watt DIP24 Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com