Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC8106S Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # MOC8106S
Description  6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC8106S Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button MOC8106S Datasheet HTML 3Page - Fairchild Semiconductor MOC8106S Datasheet HTML 4Page - Fairchild Semiconductor MOC8106S Datasheet HTML 5Page - Fairchild Semiconductor MOC8106S Datasheet HTML 6Page - Fairchild Semiconductor MOC8106S Datasheet HTML 7Page - Fairchild Semiconductor MOC8106S Datasheet HTML 8Page - Fairchild Semiconductor MOC8106S Datasheet HTML 9Page - Fairchild Semiconductor MOC8106S Datasheet HTML 10Page - Fairchild Semiconductor MOC8106S Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1/21/04
Page 7 of 12
© 2004 Fairchild Semiconductor Corporation
6-PIN DIP OPTOCOUPLERS FOR
POWER SUPPLY APPLICATIONS
(NO BASE CONNECTION)
MOC8101
MOC8102
MOC8103
MOC8104
MOC8105
MOC8106
MOC8107
MOC8108
CNY17F-1
CNY17F-2
CNY17F-3
CNY17F-4
TYPICAL PERFORMANCE CURVES (continued)
Fig. 10 Dark current vs. Ambient Temperature.
025
50
75
100
125
1e-6
1e-5
1e-4
1e-3
1e-2
1e-1
1e+0
1e+1
VCE = 10V
TA - AMBIENT TEMPERATURE (°C)
Fig. 9 Switching Speed vs. Load Resistor
R-LOAD RESISTOR (k
Ω)
0.1
1
10
100
0.1
1
10
100
1000
Toff
Tf
IF = 10 mA
VCC = 10 V
TA = 25°C
Tr
Ton


Similar Part No. - MOC8106S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC8106SM FAIRCHILD-MOC8106SM Datasheet
268Kb / 10P
   Phototransistor Optocouplers
MOC8106SR2M FAIRCHILD-MOC8106SR2M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
MOC8106SR2VM FAIRCHILD-MOC8106SR2VM Datasheet
268Kb / 10P
   Phototransistor Optocouplers
MOC8106SVM FAIRCHILD-MOC8106SVM Datasheet
268Kb / 10P
   Phototransistor Optocouplers
More results

Similar Description - MOC8106S

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNY17F-1 QT-CNY17F-1 Datasheet
100Kb / 5P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
logo
Fairchild Semiconductor
MOC8111 FAIRCHILD-MOC8111_04 Datasheet
188Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8101 FAIRCHILD-MOC8101 Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8112M_0810 FAIRCHILD-MOC8112M_0810 Datasheet
254Kb / 9P
   6-Pin DIP Optocoupler for Power Supply Applications
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Motorola, Inc
MOC8101 MOTOROLA-MOC8101 Datasheet
188Kb / 4P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
logo
Fairchild Semiconductor
MOC8111M FAIRCHILD-MOC8111M Datasheet
250Kb / 9P
   6-Pin DIP Optocoupler for Power Supply Applications (No Base Connection)
logo
Motorola, Inc
MOC8106 MOTOROLA-MOC8106 Datasheet
198Kb / 6P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
logo
Fairchild Semiconductor
H11N2M FAIRCHILD-H11N2M Datasheet
248Kb / 10P
   6-Pin DIP High Speed Logic Optocouplers
H11N1-M FAIRCHILD-H11N1-M_05 Datasheet
522Kb / 9P
   6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com