Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV2006DI-70 Datasheet(PDF) 3 Page - Brilliance Semiconductor

Part # BS62LV2006DI-70
Description  Very Low Power/Voltage CMOS SRAM 256K X 8 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV2006DI-70 Datasheet(HTML) 3 Page - Brilliance Semiconductor

  BS62LV2006DI-70 Datasheet HTML 1Page - Brilliance Semiconductor BS62LV2006DI-70 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV2006DI-70 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV2006DI-70 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV2006DI-70 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV2006DI-70 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV2006DI-70 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV2006DI-70 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV2006DI-70 Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
R0201-BS62LV2006
Revision 1.1
Jan.
2004
3
BSI
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP. (1)
MAX.
UNITS
VDR
Vcc for Data Retention
CE1 ≧ Vcc - 0.2V or CE2 ≦ 0.2V,
VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V
1.5
--
--
V
ICCDR
(3)
Data Retention Current
CE1 ≧ Vcc - 0.2V or CE2 ≦ 0.2V,
VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V
--
0.1
1.0
uA
tCDR
Chip Deselect to Data
Retention Time
0
--
--
ns
tR
Operation Recovery Time
See Retention Waveform
TRC
(2)
--
--
ns
1. Typical characteristics are at TA = 25oC.
2. Fmax = 1/t
RC .
3. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included.
4. IccsB1_MAX. is 3uA/ 10uA at Vcc=3V/ 5V and TA=70oC.
5. Icc_MAX. is 23mA(@3V)/ 55mA(@5V) under 55ns operation.
DATA RETENTION CHARACTERISTICS ( TA = -40oC to + 85oC )
1. Vcc = 1.5V, TA = + 25OC
2. t
RC = Read Cycle Time
3. IccDR_MAX. is 0.7uA at TA=70oC.
DC ELECTRICAL CHARACTERISTICS ( TA = -40oC to + 85oC )
LOW VCC DATA RETENTION WAVEFORM (1) ( CE1 Controlled )
CE1
Data Retention Mode
Vcc
t CDR
Vcc
t R
VIH
VIH
Vcc
VDR
1.5V
CE1
Vcc - 0.2V
LOW VCC DATA RETENTION WAVEFORM (2) ( CE2 Controlled )
CE2
Data Retention Mode
Vcc
t CDR
Vcc
t R
VIL
VIL
Vcc
VDR ≧ 1.5V
CE2 ≦ 0.2V
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN. TYP. (1) MAX.
UNITS
Vcc=3.0V
VIL
Guaranteed Input Low
Voltage
(3)
Vcc=5.0V
-0.5
--
0.8
V
Vcc=3.0V
2.0
--
VIH
Guaranteed Input High
Voltage
(3)
Vcc=5.0V
2.2
--
Vcc+0.3
V
IIL
Input Leakage Current
Vcc = Max, VIN = 0V to Vcc
--
--
1
uA
ILO
Output Leakage Current
Vcc = Max, CE1 = VIH or CE2=VIL
or OE = VIH, VI/O = 0V to Vcc
--
--
1
uA
Vcc=3.0V
VOL
Output Low Voltage
Vcc = Max, IOL = 2.0mA
Vcc=5.0V
--
--
0.4
V
Vcc=3.0V
VOH
Output High Voltage
Vcc = Min, IOH = -1.0mA
Vcc=5.0V
2.4
--
--
V
70ns
Vcc=3.0V
--
--
18
ICC (5)
Operating Power Supply
Current
Vcc=Max,CE1=VIL, CE2=VIH
IDQ = 0mA, F = Fmax
(2)
70ns
Vcc=5.0V
--
--
45
mA
Vcc=3.0V
--
--
0.5
ICCSB
Standby Current-TTL
Vcc = Max, CE1 = VIH or CE2=VIL
IDQ = 0mA
Vcc=5.0V
--
--
1.0
mA
Vcc=3.0V
--
0.3
5
ICCSB1
(4)
Standby Current-CMOS
Vcc = Max, CE1≧Vcc-0.2V or
CE2≦0.2V ;VIN≧ Vcc - 0.2V or
VIN≦0.2V
Vcc=5.0V
--
1.0
30
uA
BS62LV2006


Similar Part No. - BS62LV2006DI-70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV2006DI55 BSI-BS62LV2006DI55 Datasheet
350Kb / 11P
   Very Low Power CMOS SRAM 256K X 8 bit
BS62LV2006DI70 BSI-BS62LV2006DI70 Datasheet
350Kb / 11P
   Very Low Power CMOS SRAM 256K X 8 bit
BS62LV2006DIG55 BSI-BS62LV2006DIG55 Datasheet
350Kb / 11P
   Very Low Power CMOS SRAM 256K X 8 bit
BS62LV2006DIG55 BSI-BS62LV2006DIG55 Datasheet
333Kb / 10P
   Very Low Power CMOS SRAM 256K X 8 bit
BS62LV2006DIG70 BSI-BS62LV2006DIG70 Datasheet
350Kb / 11P
   Very Low Power CMOS SRAM 256K X 8 bit
More results

Similar Description - BS62LV2006DI-70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV2005 BSI-BS62LV2005 Datasheet
279Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
List of Unclassifed Man...
STC62WV2568 ETC1-STC62WV2568 Datasheet
330Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
Brilliance Semiconducto...
BS62LV2000 BSI-BS62LV2000 Datasheet
282Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2003 BSI-BS62LV2003 Datasheet
279Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2008 BSI-BS62LV2008 Datasheet
318Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2009 BSI-BS62LV2009 Datasheet
318Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2001 BSI-BS62LV2001 Datasheet
283Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2007 BSI-BS62LV2007 Datasheet
195Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006_08 Datasheet
333Kb / 10P
   Very Low Power CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006_06 Datasheet
350Kb / 11P
   Very Low Power CMOS SRAM 256K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com