Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2170CS-T13 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL2170CS-T13
Description  70MHz/1mA Current Mode Feedback Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2170CS-T13 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL2170CS-T13 Datasheet HTML 3Page - Intersil Corporation EL2170CS-T13 Datasheet HTML 4Page - Intersil Corporation EL2170CS-T13 Datasheet HTML 5Page - Intersil Corporation EL2170CS-T13 Datasheet HTML 6Page - Intersil Corporation EL2170CS-T13 Datasheet HTML 7Page - Intersil Corporation EL2170CS-T13 Datasheet HTML 8Page - Intersil Corporation EL2170CS-T13 Datasheet HTML 9Page - Intersil Corporation EL2170CS-T13 Datasheet HTML 10Page - Intersil Corporation EL2170CS-T13 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Typical Performance Curves (Continued)
Input Bias Current vs
Die Temperature
Short-Circuit Current vs
Die Temperature
Transimpedance (ROL) vs
Die Temperature
-3dB Bandwidth and Peaking
vs Die Temperature for
Various Non-Inverting Gains
-3dB Bandwidth and Peaking
vs Die Temperature for
Various Inverting Gains
Input Offset Voltage vs
Die Temperature
Supply Current vs
Die Temperature
Input Voltage Range vs
Die Temperature
Slew Rate vs
Die Temperature
EL2170, EL2270, EL2470


Similar Part No. - EL2170CS-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2170CS ELANTEC-EL2170CS Datasheet
330Kb / 16P
   70 MHz/1 mA Current Mode Feedback Amplifiers
More results

Similar Description - EL2170CS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2270 INTERSIL-EL2270 Datasheet
333Kb / 12P
   70MHz/1mA Current Mode Feedback Amplifiers
EL2176 INTERSIL-EL2176 Datasheet
316Kb / 14P
   70MHz/1mA Current Mode Feedback Amp W/Disable
EL2276 INTERSIL-EL2276 Datasheet
328Kb / 14P
   70MHz/1mA Current Mode Feedback Amp w/Disable
logo
Renesas Technology Corp
EL2276 RENESAS-EL2276 Datasheet
870Kb / 14P
   70MHz/1mA Current Mode Feedback Amp w/Disable
logo
Maxim Integrated Produc...
MAX4180 MAXIM-MAX4180 Datasheet
364Kb / 24P
   Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
Rev 2; 8/98
logo
Intersil Corporation
EL2480CS INTERSIL-EL2480CS Datasheet
385Kb / 15P
   250MHz/3mA Current Mode Feedback Amplifiers
logo
Elantec Semiconductor
EL2180C ELANTEC-EL2180C Datasheet
661Kb / 17P
   250MHz / 3mA Current Mode Feedback Amplifiers
EL2170C ELANTEC-EL2170C Datasheet
330Kb / 16P
   70 MHz/1 mA Current Mode Feedback Amplifiers
EL2232D ELANTEC-EL2232D Datasheet
392Kb / 1P
   Dual 60MHz Current Feedback Amplifiers
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com