Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2170CS-T13 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL2170CS-T13
Description  70MHz/1mA Current Mode Feedback Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2170CS-T13 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL2170CS-T13 Datasheet HTML 5Page - Intersil Corporation EL2170CS-T13 Datasheet HTML 6Page - Intersil Corporation EL2170CS-T13 Datasheet HTML 7Page - Intersil Corporation EL2170CS-T13 Datasheet HTML 8Page - Intersil Corporation EL2170CS-T13 Datasheet HTML 9Page - Intersil Corporation EL2170CS-T13 Datasheet HTML 10Page - Intersil Corporation EL2170CS-T13 Datasheet HTML 11Page - Intersil Corporation EL2170CS-T13 Datasheet HTML 12Page - Intersil Corporation EL2170CS-T13 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Typical Performance Curves (Continued)
Applications Information
Product Description
The EL2170, EL2270, and EL2470 are current-feedback
operational amplifiers that offer a wide -3dB bandwidth of
70MHz and a low supply current of 1mA per amplifier. All of
these products also feature high output current drive. The
EL2170 can output 100mA, while the EL2270 and the
EL2470 can output 55mA per amplifier. The EL2170,
EL2270, and EL2470 work with supply voltages ranging from
a single 3V to ±6V, and they are also capable of swinging to
within 1V of either supply on the input and the output.
Because of their current-feedback topology, the EL2170,
EL2270, and EL2470 do not have the normal gain-bandwidth
product associated with voltage-feedback operational
amplifiers. This allows their -3dB bandwidth to remain
relatively constant as closed-loop gain is increased. This
combination of high bandwidth and low power, together with
aggressive pricing make the EL2170, EL2270, and EL2470
the ideal choice for many low-power/high-bandwidth
applications such as portable computing, HDSL, and video
processing.
For applications where board space is extremely critical, the
EL2170 is available in the tiny 5-pin SOT-23 package, which
has a footprint 28% the size of an 8-pin SO. The EL2170,
EL2270, and EL2470 are each also available in industry
standard pinouts in PDIP and SO packages.
For single and dual applications with disable, consider the
EL2176 (8-pin single) and EL2276 (14-pin dual). If higher
speed is required, refer to the EL2180/EL2186 family which
provides singles, duals, triples, and quads with 250MHz of
bandwidth while consuming 3mA of supply current per
amplifier.
Power Supply Bypassing and Printed Circuit
Board Layout
As with any high-frequency device, good printed circuit
board layout is necessary for optimum performance. Ground
plane construction is highly recommended. Lead lengths
should be as short as possible. The power supply pins must
be well bypassed to reduce the risk of oscillation. The
combination of a 4.7µF tantalum capacitor in parallel with a
0.1µF capacitor has been shown to work well when placed at
each supply pin.
For good AC performance, parasitic capacitance should be
kept to a minimum especially at the inverting input (see the
Capacitance at the Inverting Input section). Ground plane
construction should be used, but it should be removed from
the area near the inverting input to minimize any stray
capacitance at that node. Carbon or Metal-Film resistors are
14-Pin Plastic DIP
Maximum Power Dissipation
vs Ambient Temperature
14-Pin SO
Maximum Power Dissipation
vs Ambient Temperature
Channel Separation
vs Frequency
5-Pin Plastic SOT-23
Maximum Power Dissipation
vs Ambient Temperature
EL2170, EL2270, EL2470


Similar Part No. - EL2170CS-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2170CS ELANTEC-EL2170CS Datasheet
330Kb / 16P
   70 MHz/1 mA Current Mode Feedback Amplifiers
More results

Similar Description - EL2170CS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2270 INTERSIL-EL2270 Datasheet
333Kb / 12P
   70MHz/1mA Current Mode Feedback Amplifiers
EL2176 INTERSIL-EL2176 Datasheet
316Kb / 14P
   70MHz/1mA Current Mode Feedback Amp W/Disable
EL2276 INTERSIL-EL2276 Datasheet
328Kb / 14P
   70MHz/1mA Current Mode Feedback Amp w/Disable
logo
Renesas Technology Corp
EL2276 RENESAS-EL2276 Datasheet
870Kb / 14P
   70MHz/1mA Current Mode Feedback Amp w/Disable
logo
Maxim Integrated Produc...
MAX4180 MAXIM-MAX4180 Datasheet
364Kb / 24P
   Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
Rev 2; 8/98
logo
Intersil Corporation
EL2480CS INTERSIL-EL2480CS Datasheet
385Kb / 15P
   250MHz/3mA Current Mode Feedback Amplifiers
logo
Elantec Semiconductor
EL2180C ELANTEC-EL2180C Datasheet
661Kb / 17P
   250MHz / 3mA Current Mode Feedback Amplifiers
EL2170C ELANTEC-EL2170C Datasheet
330Kb / 16P
   70 MHz/1 mA Current Mode Feedback Amplifiers
EL2232D ELANTEC-EL2232D Datasheet
392Kb / 1P
   Dual 60MHz Current Feedback Amplifiers
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com