Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OLS-130HRHYG Datasheet(PDF) 4 Page - OSA Opto Light GmbH

Part # OLS-130HRHYG
Description  Size 1206 ??Duplex LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-130HRHYG Datasheet(HTML) 4 Page - OSA Opto Light GmbH

  OLS-130HRHYG Datasheet HTML 1Page - OSA Opto Light GmbH OLS-130HRHYG Datasheet HTML 2Page - OSA Opto Light GmbH OLS-130HRHYG Datasheet HTML 3Page - OSA Opto Light GmbH OLS-130HRHYG Datasheet HTML 4Page - OSA Opto Light GmbH OLS-130HRHYG Datasheet HTML 5Page - OSA Opto Light GmbH OLS-130HRHYG Datasheet HTML 6Page - OSA Opto Light GmbH OLS-130HRHYG Datasheet HTML 7Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Size 1206 – Duplex LED
OLS-130 HR/HYG
Copyright © 2017 OSA Opto Light GmbH. All Rights Reserved
www.osa-opto.com
edition 9/17
Page/Seite 4/7
 Soldering Conditions
Lötprofile
IR reflow soldering
profile for lead
containing solder
IR Reflow
Lötprozess für
bleihaltiges Lot
IR reflow soldering
profile for lead free
soldering
IR Reflow
Lötprozess für
bleifreies Lot
Manual Soldering:
Manuelles Löten:
max power of iron 25W / 300°C for 3s
Max. Leistung des Lötkolben 25W / 300°C für 3s
4K/s max
300
250
200
150
100
50
0
50
100
150
200
250
300
Time [s]
10...20s
40s max.
230°C
170°C
120°C
3K/s max.
120s max
3K/s max
10...20s
60s max
4K/s max
245°C
217°C
250°C
180°C
300
250
200
150
100
50
0
50
100
150
200
250
300
Time [s]
3K/s max


Similar Part No. - OLS-130HRHYG

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-130HSD OSA-OLS-130HSD Datasheet
161Kb / 4P
   Series 130 - 1206 Duplex
OLS-130HSD/HY-CX-TD OSA-OLS-130HSD/HY-CX-TD Datasheet
161Kb / 4P
   Series 130 - 1206 Duplex
OLS-130HSD/HY-CX-TU OSA-OLS-130HSD/HY-CX-TU Datasheet
161Kb / 4P
   Series 130 - 1206 Duplex
OLS-130HY OSA-OLS-130HY Datasheet
234Kb / 7P
   1206 ??Duplex bicolor
OLS-130HYGC525 OSA-OLS-130HYGC525 Datasheet
234Kb / 7P
   1206 ??Duplex bicolor
More results

Similar Description - OLS-130HRHYG

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-130HYGC525 OSA-OLS-130HYGC525 Datasheet
234Kb / 7P
   1206 ??Duplex bicolor
OLS-130HSD OSA-OLS-130HSD Datasheet
161Kb / 4P
   Series 130 - 1206 Duplex
OIS-150-770 OSA-OIS-150-770 Datasheet
228Kb / 7P
   Size 1206 ??infrared
OLS-130 OSA-OLS-130 Datasheet
134Kb / 5P
   Series 130 - 1206 - Duplex bicolor
IOS-150-675 OSA-IOS-150-675 Datasheet
220Kb / 7P
   Size 1206 - Infrared
OLS-136HR OSA-OLS-136HR Datasheet
130Kb / 5P
   Series 136 - 1206 - Duplex bicolor
OLS-153MSDMY OSA-OLS-153MSDMY Datasheet
230Kb / 7P
   Size 1206 ??bipolar, bicolor
OLS-153MSDGC525 OSA-OLS-153MSDGC525 Datasheet
227Kb / 7P
   Size 1206 ??bipolar, bicolor
logo
Murata Manufacturing Co...
BLM31AF700SN1L MURATA-BLM31AF700SN1L Datasheet
50Kb / 2P
   BLM31A Series (1206 Size)
BLM31AJ601SN1L MURATA-BLM31AJ601SN1L Datasheet
72Kb / 2P
   BLM31A Series (1206 Size)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com