Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD050L Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FOD050L
Description  HIGH SPEED TRANSISTOR OPTOCOUPLERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD050L Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FOD050L Datasheet HTML 1Page - Fairchild Semiconductor FOD050L Datasheet HTML 2Page - Fairchild Semiconductor FOD050L Datasheet HTML 3Page - Fairchild Semiconductor FOD050L Datasheet HTML 4Page - Fairchild Semiconductor FOD050L Datasheet HTML 5Page - Fairchild Semiconductor FOD050L Datasheet HTML 6Page - Fairchild Semiconductor FOD050L Datasheet HTML 7Page - Fairchild Semiconductor FOD050L Datasheet HTML 8Page - Fairchild Semiconductor FOD050L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
6/14/04
Page 5 of 13
© 2004 Fairchild Semiconductor Corporation
LVTTL/LVCMOS 3.3V
HIGH SPEED TRANSISTOR
OPTOCOUPLERS
SINGLE-CHANNEL: FOD050L
FOD250L
DUAL-CHANNEL:
FOD053L
Fig 6. Logic High Output Current vs. Ambient Temperature
TA - Ambient Temperature ( C)
-40
-20
0
20
40
60
80
100
0.01
0.1
1
10
Fig. 4 Current Transfer Ratio vs. Ambient Temperature
TA - Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Fig. 5 Output Current vs. Output Voltage
VO - Output Voltage (V)
02
4
6
8
10
12
14
16
0
2
4
6
8
10
12
Fig. 3 Current Transfer Ratio vs. Input Forward Current
(FOD250L)
IF - Forward Current (mA)
05
10
15
20
25
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
Fig. 2 Current Transfer Ratio vs. Forward Current
(FOD050L, FOD053L)
IF - Forward Current (mA)
05
10
15
20
25
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
VO = 0.4V
VCC = 3.3V
T A = 25°C
TA = 0C°C
TA = -40°C
TA = 70°C
TA = 85°C
Normalized to
IF = 16mA, TA = 25°C
Fig. 1 LED Forward Current vs. Forward Voltage
VF - Forward Voltage (V)
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0.001
0.01
0.1
1
10
100
TA = 85°C
TA = 70°C
TA = 25°C
TA = 0°C
TA = -40°C
VO =0.4V
VCC =3.3V
TA =25°C
TA =0°C
TA =-40°C
TA =70°C
TA =85°C
Normalized to
IF = 16mA, TA =25°C
Normalized to TA =25°C
IF =16mA
VO =0.4V
VCC =3.3V
10mA
20mA
IF =25mA
15mA
5mA
TA =25°C
VCC =3.3V
VO =VCC =3.3V
IF =0


Similar Part No. - FOD050L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
654Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD050L FAIRCHILD-FOD050L Datasheet
366Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD050LR1 FAIRCHILD-FOD050LR1 Datasheet
654Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD050LR1 FAIRCHILD-FOD050LR1 Datasheet
366Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD050LR1V FAIRCHILD-FOD050LR1V Datasheet
366Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
More results

Similar Description - FOD050L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com