Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GDCSSPM1.14 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # GDCSSPM1.14
Description  Horticultural Lighting
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GDCSSPM1.14 Datasheet(HTML) 3 Page - OSRAM GmbH

  GDCSSPM1.14 Datasheet HTML 1Page - OSRAM GmbH GDCSSPM1.14 Datasheet HTML 2Page - OSRAM GmbH GDCSSPM1.14 Datasheet HTML 3Page - OSRAM GmbH GDCSSPM1.14 Datasheet HTML 4Page - OSRAM GmbH GDCSSPM1.14 Datasheet HTML 5Page - OSRAM GmbH GDCSSPM1.14 Datasheet HTML 6Page - OSRAM GmbH GDCSSPM1.14 Datasheet HTML 7Page - OSRAM GmbH GDCSSPM1.14 Datasheet HTML 8Page - OSRAM GmbH GDCSSPM1.14 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Version 1.1
GD CSSPM1.14
2017-01-13
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 125
°C
Storage temperature range
Lagertemperatur
Tstg
-40 ... 125
°C
Junction temperature
Sperrschichttemperatur
Tj
135
°C
Forward current
Durchlassstrom
(T
S = 25 °C)
I
F
100 ... 1000
mA
Surge current
Stoßstrom
IFM
2000
mA
Reverse current
2) page 23
Sperrstrom 2) Seite 23
IR
200
mA
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM, Class
3B)
VESD
8
kV


Similar Part No. - GDCSSPM1.14

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GDCSSRM2.14 OSRAM-GDCSSRM2.14 Datasheet
3Mb / 22P
   OSLON Square
GDCSSRM2.14-ARAT-24-1 OSRAM-GDCSSRM2.14-ARAT-24-1 Datasheet
3Mb / 22P
   OSLON Square
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
   OSLON® Optimal
Version 1.0 / 2022-07-07
GDCSSRML.14-U8V1-24-1 OSRAM-GDCSSRML.14-U8V1-24-1 Datasheet
1Mb / 22P
   OSLON® Optimal
Version 1.0 / 2022-07-07
GDCSSRML.14-U9V2-24-1 OSRAM-GDCSSRML.14-U9V2-24-1 Datasheet
1Mb / 22P
   OSLON® Optimal
Version 1.0 / 2022-07-07
More results

Similar Description - GDCSSPM1.14

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GDCS8PM1.14 OSRAM-GDCS8PM1.14 Datasheet
2Mb / 22P
   Horticultural Lighting
logo
LUMEX INC.
SSP-LB24SR24K10 LUMEX-SSP-LB24SR24K10 Datasheet
1Mb / 2P
   SunBrite??Agricultural and Horticultural LED Lightbars
logo
Toshiba Semiconductor
TLWNF1108A TOSHIBA-TLWNF1108A Datasheet
268Kb / 13P
   General Lighting
logo
FSP TECHNOLOGY INC.
FSP075-NZMCH-700 FSP-FSP075-NZMCH-700 Datasheet
122Kb / 1P
   LED Lighting
FSP075-NZMVH-42 FSP-FSP075-NZMVH-42 Datasheet
123Kb / 1P
   LED Lighting
FSP075-NZMVH-48 FSP-FSP075-NZMVH-48 Datasheet
123Kb / 1P
   LED Lighting
FSP100-NZMCH-1400 FSP-FSP100-NZMCH-1400 Datasheet
122Kb / 1P
   LED Lighting
FSP100-NZMCH-2100 FSP-FSP100-NZMCH-2100 Datasheet
122Kb / 1P
   LED Lighting
FSP100-NZMCH-2800 FSP-FSP100-NZMCH-2800 Datasheet
122Kb / 1P
   LED Lighting
FSP120-NZKCH-2500 FSP-FSP120-NZKCH-2500 Datasheet
122Kb / 1P
   LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com