Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65112A0793 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # Q65112A0793
Description  Horticultural Lighting
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65112A0793 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button Q65112A0793 Datasheet HTML 4Page - OSRAM GmbH Q65112A0793 Datasheet HTML 5Page - OSRAM GmbH Q65112A0793 Datasheet HTML 6Page - OSRAM GmbH Q65112A0793 Datasheet HTML 7Page - OSRAM GmbH Q65112A0793 Datasheet HTML 8Page - OSRAM GmbH Q65112A0793 Datasheet HTML 9Page - OSRAM GmbH Q65112A0793 Datasheet HTML 10Page - OSRAM GmbH Q65112A0793 Datasheet HTML 11Page - OSRAM GmbH Q65112A0793 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
2017-01-13
10
Version 1.1
GD CSSPM1.14
Forward Current 5) page 23 , 6) page 23
Durchlassstrom 5) Seite 23 , 6) Seite 23
IF = f (VF); TS = 25 °C
Relative Radiant Power 5) page 23 , 6) page 23
Relative Strahlungsleistung 5) Seite 23 , 6) Seite 23
ΦEE(350 mA) = f(IF); TS = 25 °C
Dominant Wavelength 5) page 23
Dominante Wellenlänge 5) Seite 23
Δλdom = f(IF); TS = 25 °C
GD CSSPM1.14
2,7
2,8
2,9
3,0
3,1
VF [V]
100
200
400
600
800
1000
IF [mA]
GD CSSPM1.14
10
0
20
0
40
0
60
0
80
0
10
00
IF [mA]
-3
-2
-1
0
1
2
3
Φ
E
Φ
E(350mA)
GD CSSPM1.14
10
0
20
0
40
0
60
0
80
0
10
00
IF [mA]
-10
-5
0
5
10
∆λ dom [nm]


Similar Part No. - Q65112A0793

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65112A0794 OSRAM-Q65112A0794 Datasheet
2Mb / 22P
   Horticultural Lighting
More results

Similar Description - Q65112A0793

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GDCS8PM1.14 OSRAM-GDCS8PM1.14 Datasheet
2Mb / 22P
   Horticultural Lighting
logo
LUMEX INC.
SSP-LB24SR24K10 LUMEX-SSP-LB24SR24K10 Datasheet
1Mb / 2P
   SunBrite??Agricultural and Horticultural LED Lightbars
logo
Toshiba Semiconductor
TLWNF1108A TOSHIBA-TLWNF1108A Datasheet
268Kb / 13P
   General Lighting
logo
FSP TECHNOLOGY INC.
FSP075-NZMCH-700 FSP-FSP075-NZMCH-700 Datasheet
122Kb / 1P
   LED Lighting
FSP075-NZMVH-42 FSP-FSP075-NZMVH-42 Datasheet
123Kb / 1P
   LED Lighting
FSP075-NZMVH-48 FSP-FSP075-NZMVH-48 Datasheet
123Kb / 1P
   LED Lighting
FSP100-NZMCH-1400 FSP-FSP100-NZMCH-1400 Datasheet
122Kb / 1P
   LED Lighting
FSP100-NZMCH-2100 FSP-FSP100-NZMCH-2100 Datasheet
122Kb / 1P
   LED Lighting
FSP100-NZMCH-2800 FSP-FSP100-NZMCH-2800 Datasheet
122Kb / 1P
   LED Lighting
FSP120-NZKCH-2500 FSP-FSP120-NZKCH-2500 Datasheet
122Kb / 1P
   LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com