Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDZ9699 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DDZ9699
Description  SURFACE MOUNT PRECISION ZENER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ9699 Datasheet(HTML) 6 Page - Diodes Incorporated

  DDZ9699 Datasheet HTML 1Page - Diodes Incorporated DDZ9699 Datasheet HTML 2Page - Diodes Incorporated DDZ9699 Datasheet HTML 3Page - Diodes Incorporated DDZ9699 Datasheet HTML 4Page - Diodes Incorporated DDZ9699 Datasheet HTML 5Page - Diodes Incorporated DDZ9699 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DS30410 Rev. 2 - 2
6 of 6
DDZ9681 - DDZ9717
www.diodes.com
-0.08
0.12
-0.04
-0.06
20
26
30
V , ZENER VOLTAGE (V)
Z
Fig. 18 Typical Temperature Coefficient of
Zener Voltage, DDZ9707 - DDZ9713
24
22
28
-0.02
0
0.02
0.04
0.06
0.08
0.10
I
= 5mA
ZT
I
= 2mA
ZT
-0.08
0.12
-0.04
-0.06
30
42
50
V , ZENER VOLTAGE (V)
Z
Fig. 19 Typical Temperature Coefficient of
Zener Voltage, DDZ9713 - DDZ9717
38
34
46
-0.02
0
0.02
0.04
0.06
0.08
0.10
I
= 2mA
ZT
1
10
100
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Z
Fig. 20 Total Capacitance vs Nominal Zener Voltage
T= 25 °C
j
f = 1MHz
V= 2V
R
V=1V
R


Similar Part No. - DDZ9699

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9699 DIODES-DDZ9699 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9699 DIODES-DDZ9699 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9699 DIODES-DDZ9699 Datasheet
285Kb / 7P
   SURFACE MOUNT LOW CURRENT ZENER DIODE
DDZ9699 DIODES-DDZ9699 Datasheet
343Kb / 7P
   SURFACE MOUNT LOW CURRENT ZENER DIODE
DDZ9699-7 DIODES-DDZ9699-7 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
More results

Similar Description - DDZ9699

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
DS30410 DIODES-DS30410 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com