Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65112A2499 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # Q65112A2499
Description  Accent and effect lighting
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65112A2499 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button Q65112A2499 Datasheet HTML 2Page - OSRAM GmbH Q65112A2499 Datasheet HTML 3Page - OSRAM GmbH Q65112A2499 Datasheet HTML 4Page - OSRAM GmbH Q65112A2499 Datasheet HTML 5Page - OSRAM GmbH Q65112A2499 Datasheet HTML 6Page - OSRAM GmbH Q65112A2499 Datasheet HTML 7Page - OSRAM GmbH Q65112A2499 Datasheet HTML 8Page - OSRAM GmbH Q65112A2499 Datasheet HTML 9Page - OSRAM GmbH Q65112A2499 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
2016-11-07
6
Version 1.0
GR CSHPM1.23
Brightness
Helligkeit
Wavelength
Wellenlänge
Note:
No packing unit / tape ever contains more than one group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Selektion enthalten.
Group Name on Label
Gruppenbezeichnung auf Etikett
JU
1
Example: JU-1
Beispiel: JU-1


Similar Part No. - Q65112A2499

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65112A2444 OSRAM-Q65112A2444 Datasheet
836Kb / 25P
   OSLON Square Flat
logo
ams AG
Q65112A2445 AMSCO-Q65112A2445 Datasheet
1Mb / 26P
   This most compact 3 x 3 mm high-power LED with electrically isolated thermal pad allows superior heat dissipation designs.
Version 1.5 2023-07-03
More results

Similar Description - Q65112A2499

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GRCS8PM1.23 OSRAM-GRCS8PM1.23 Datasheet
763Kb / 22P
   Accent and effect lighting
GYDASPA1.23 OSRAM-GYDASPA1.23 Datasheet
673Kb / 22P
   Accent and effect lighting
GWCS8PM1.PM OSRAM-GWCS8PM1.PM Datasheet
2Mb / 25P
   Accent and effect lighting
logo
Littelfuse
SCR430T LITTELFUSE-SCR430T Datasheet
321Kb / 2P
   Flashers and Tower Lighting Controls Tower and Obstruction Lighting Controls
Rev: 1-A-062316
logo
OSRAM GmbH
KPCSLPM1.F1 OSRAM-KPCSLPM1.F1 Datasheet
807Kb / 24P
   Stage and Entertainment Lighting
GWP7STA2.PM OSRAM-GWP7STA2.PM Datasheet
1Mb / 23P
   Street and tunnel lighting
LYETSF OSRAM-LYETSF Datasheet
614Kb / 21P
   Automotive Lighting Interior and Exterior
LSE63F OSRAM-LSE63F Datasheet
378Kb / 22P
   Automotive Lighting Interior and Exterior
LUWW5SM OSRAM-LUWW5SM Datasheet
717Kb / 22P
   Automotive Lighting Interior and Exterior
KRDMLN31.23 OSRAM-KRDMLN31.23 Datasheet
676Kb / 22P
   Architectural Lighting indoor and outdoor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com