Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65111A9548 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # Q65111A9548
Description  Industrial lighting
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A9548 Datasheet(HTML) 1 Page - OSRAM GmbH

  Q65111A9548 Datasheet HTML 1Page - OSRAM GmbH Q65111A9548 Datasheet HTML 2Page - OSRAM GmbH Q65111A9548 Datasheet HTML 3Page - OSRAM GmbH Q65111A9548 Datasheet HTML 4Page - OSRAM GmbH Q65111A9548 Datasheet HTML 5Page - OSRAM GmbH Q65111A9548 Datasheet HTML 6Page - OSRAM GmbH Q65111A9548 Datasheet HTML 7Page - OSRAM GmbH Q65111A9548 Datasheet HTML 8Page - OSRAM GmbH Q65111A9548 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
2017-10-26
1
2017-10-26
OSLON Square
Datasheet
Version 1.6(not for new design)
GW CSSRM1.PC
Higher performance. Lower thermal resistance.
Extended range of driving conditions. This is the
second generation OSLON Square.
Verbesserte Leistung. VerringerterWärmewiderstand.
Erweiteter zulässigerBetriebsbereich. Das ist die
zweite Generation der OSLON Square.
Features:
Besondere Merkmale:
Package: SMT ceramic package with silicone resin
and silicone lens
Gehäusetyp: SMT-Keramikgehäuse mit
Silikonverguss und -linse
Viewing angle at 50 % I
V: 120°
Abstrahlwinkel bei 50 % I
V: 120°
Color: 3000 K - 6500 K (white)
Farbe: 3000 K - 6500 K (weiß)
CRI: min. 70 ( typ. 72 )
CRI: min. 70 ( typ. 72 )
Luminous Flux: typ. 301 lm @ 5000 K, 85 °C
Lichtstrom: typ. 301 lm @ 5000 K, 85 °C
Luminous efficacy: typ. 154 lm/W @ 5000 K,
85 °C
Lichtausbeute: typ. 154 lm/W @ 5000 K, 85 °C
Corrosion Robustness: Superior Corrosion
Robustness
Korrosionsstabilität: Höchste
Korrosionsbeständigkeit
Lumen Maintenance: Test results according to
IESNA LM-80 available
Lichtstromerhaltung: Testergebnisse nach
IESNA LM-80 verfügbar
Applications
Anwendungen
Industrial lighting
Industriebeleuchtung
Outdoor lighting
Außenbeleuchtung
Street and tunnel lighting
Straßen und Tunnel


Similar Part No. - Q65111A9548

ManufacturerPart #DatasheetDescription
logo
ams AG
Q65111A9548 AMSCO-Q65111A9548 Datasheet
2Mb / 26P
   Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.6
More results

Similar Description - Q65111A9548

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWCSSRM2.PM OSRAM-GWCSSRM2.PM Datasheet
2Mb / 25P
   Industrial lighting
LUWCQAR OSRAM-LUWCQAR Datasheet
1Mb / 24P
   Industrial lighting
LUWCR7P OSRAM-LUWCR7P Datasheet
3Mb / 24P
   Industrial lighting
LUWCQAR OSRAM-LUWCQAR_18 Datasheet
2Mb / 24P
   Industrial lighting
logo
National Semiconductor ...
LM3444-230VAC NSC-LM3444-230VAC Datasheet
2Mb / 18P
   8W Isolated Flyback LED Driver Industrial and Commercial Lighting
LM3444 NSC-LM3444 Datasheet
3Mb / 14P
   120VAC, 8W Isolated Flyback LED Driver Industrial and Commercial Lighting
logo
Toshiba Semiconductor
TLWNF1108A TOSHIBA-TLWNF1108A Datasheet
268Kb / 13P
   General Lighting
logo
FSP TECHNOLOGY INC.
FSP075-NZMCH-700 FSP-FSP075-NZMCH-700 Datasheet
122Kb / 1P
   LED Lighting
FSP075-NZMVH-42 FSP-FSP075-NZMVH-42 Datasheet
123Kb / 1P
   LED Lighting
FSP075-NZMVH-48 FSP-FSP075-NZMVH-48 Datasheet
123Kb / 1P
   LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com