Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65111A9548 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # Q65111A9548
Description  Industrial lighting
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A9548 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button Q65111A9548 Datasheet HTML 2Page - OSRAM GmbH Q65111A9548 Datasheet HTML 3Page - OSRAM GmbH Q65111A9548 Datasheet HTML 4Page - OSRAM GmbH Q65111A9548 Datasheet HTML 5Page - OSRAM GmbH Q65111A9548 Datasheet HTML 6Page - OSRAM GmbH Q65111A9548 Datasheet HTML 7Page - OSRAM GmbH Q65111A9548 Datasheet HTML 8Page - OSRAM GmbH Q65111A9548 Datasheet HTML 9Page - OSRAM GmbH Q65111A9548 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
2017-10-26
6
Version 1.6(not for new design)
GW CSSRM1.PC
Chromaticity Coordinate Groups 6) page 25
Farbortgruppen 6) Seite 25
5C
5D
5E
6C
6D
6E
7C
7D
7E
5F
5G
6F
6G
7F
7G
5H
5I
6H
6I
7H
7I
5J
5K
6J
6K
7J
7K
5L
5M
5N
6L
6M
6N
7L
7M
7N
5O
5P
5Q
6O
6P
6Q
7O
7P
7Q
8O
8P
8Q
5R
5S
5T
6R
6S
6T
7R
7S
7T
8R
8S
8T
5U
5V
5W
5X
6U
6V
6W
6X
7U
7V
7W
7X
8U
8V
8W
8X
3500 K
4000 K
4500 K
5000 K
5500 K
6000 K
6500 K
7000 K
2700
K
300
0 K
3500
K
40
00
K
45
00
K
5000
K
57
00
K
65
00
K
0.300
0.320
0.340
0.360
0.380
0.400
0.420
0.440
0.300
0.320
0.340
0.360
0.380
0.400
0.420
0.440
0.460
0.480
0.500
Cy
Cx
Coordinates in reference to CIE 1931 (cx cy)
warm white
neutral white
cool white
Coordinates in reference to CIE 1931 (cx cy)
warm white
neutral white
cool white
Coordinates in reference to CIE 1931 (cx cy)
warm white
neutral white
2400 K
cool white
Coordinates in reference to CIE 1931 (cx cy)
warm white
neutral white
cool white
450
460
470
475
480
485
490
495
500
505
510
515
520
525
530
540
550
560
570
580
590
600
610
620
630
700
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.800
0.900
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.800
Cy
Cx
Coordinates in reference to CIE 1931 (cx cy)
3000 K


Similar Part No. - Q65111A9548

ManufacturerPart #DatasheetDescription
logo
ams AG
Q65111A9548 AMSCO-Q65111A9548 Datasheet
2Mb / 26P
   Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.6
More results

Similar Description - Q65111A9548

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWCSSRM2.PM OSRAM-GWCSSRM2.PM Datasheet
2Mb / 25P
   Industrial lighting
LUWCQAR OSRAM-LUWCQAR Datasheet
1Mb / 24P
   Industrial lighting
LUWCR7P OSRAM-LUWCR7P Datasheet
3Mb / 24P
   Industrial lighting
LUWCQAR OSRAM-LUWCQAR_18 Datasheet
2Mb / 24P
   Industrial lighting
logo
National Semiconductor ...
LM3444-230VAC NSC-LM3444-230VAC Datasheet
2Mb / 18P
   8W Isolated Flyback LED Driver Industrial and Commercial Lighting
LM3444 NSC-LM3444 Datasheet
3Mb / 14P
   120VAC, 8W Isolated Flyback LED Driver Industrial and Commercial Lighting
logo
Toshiba Semiconductor
TLWNF1108A TOSHIBA-TLWNF1108A Datasheet
268Kb / 13P
   General Lighting
logo
FSP TECHNOLOGY INC.
FSP075-NZMCH-700 FSP-FSP075-NZMCH-700 Datasheet
122Kb / 1P
   LED Lighting
FSP075-NZMVH-42 FSP-FSP075-NZMVH-42 Datasheet
123Kb / 1P
   LED Lighting
FSP075-NZMVH-48 FSP-FSP075-NZMVH-48 Datasheet
123Kb / 1P
   LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com