Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65111A8789 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # Q65111A8789
Description  Industrial lighting
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A8789 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button Q65111A8789 Datasheet HTML 3Page - OSRAM GmbH Q65111A8789 Datasheet HTML 4Page - OSRAM GmbH Q65111A8789 Datasheet HTML 5Page - OSRAM GmbH Q65111A8789 Datasheet HTML 6Page - OSRAM GmbH Q65111A8789 Datasheet HTML 7Page - OSRAM GmbH Q65111A8789 Datasheet HTML 8Page - OSRAM GmbH Q65111A8789 Datasheet HTML 9Page - OSRAM GmbH Q65111A8789 Datasheet HTML 10Page - OSRAM GmbH Q65111A8789 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Version 1.6(not for new design)
GW CSSRM1.PC
2017-10-26
7
Color Chromaticity Groups 6) page 25
Farbortgruppen 6) Seite 25
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
5C
0.3055
0.3177
7I
0.3456
0.3601
5P
0.3975
0.3731
0.3068
0.3113
0.3464
0.3688
0.4006
0.3815
0.3108
0.3229
0.3539
0.3669
0.4061
0.3773
0.3119
0.3162
0.3551
0.3760
0.4095
0.3858
6C
0.3041
0.3240
5J
0.3512
0.3465
6P
0.4006
0.3815
0.3055
0.3177
0.3524
0.3555
0.4036
0.3898
0.3098
0.3296
0.3591
0.3522
0.4095
0.3858
0.3108
0.3229
0.3608
0.3616
0.4130
0.3944
7C
0.3028
0.3304
6J
0.3524
0.3555
7P
0.4036
0.3898
0.3041
0.3240
0.3536
0.3646
0.4067
0.3982
0.3087
0.3363
0.3608
0.3616
0.4130
0.3944
0.3098
0.3296
0.3625
0.3711
0.4164
0.4029
5D
0.3108
0.3229
7J
0.3536
0.3646
8P
0.4067
0.3982
0.3119
0.3162
0.3548
0.3736
0.4097
0.4065
0.3162
0.3282
0.3625
0.3711
0.4164
0.4029
0.3170
0.3212
0.3642
0.3805
0.4198
0.4115
6D
0.3098
0.3296
5K
0.3591
0.3522
5Q
0.4061
0.3773
0.3108
0.3229
0.3608
0.3616
0.4095
0.3858
0.3154
0.3352
0.3670
0.3578
0.4147
0.3814
0.3162
0.3282
0.3692
0.3677
0.4185
0.3902
7D
0.3087
0.3363
6K
0.3608
0.3616
6Q
0.4095
0.3858
0.3098
0.3296
0.3625
0.3711
0.4130
0.3944
0.3146
0.3422
0.3692
0.3677
0.4185
0.3902
0.3154
0.3352
0.3714
0.3775
0.4223
0.3990
5E
0.3162
0.3282
7K
0.3625
0.3711
7Q
0.4130
0.3944
0.3170
0.3212
0.3642
0.3805
0.4164
0.4029
0.3216
0.3334
0.3714
0.3775
0.4223
0.3990
0.3221
0.3262
0.3736
0.3874
0.4261
0.4077


Similar Part No. - Q65111A8789

ManufacturerPart #DatasheetDescription
logo
ams AG
Q65111A8789 AMSCO-Q65111A8789 Datasheet
2Mb / 26P
   Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.6
More results

Similar Description - Q65111A8789

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWCSSRM2.PM OSRAM-GWCSSRM2.PM Datasheet
2Mb / 25P
   Industrial lighting
LUWCQAR OSRAM-LUWCQAR Datasheet
1Mb / 24P
   Industrial lighting
LUWCR7P OSRAM-LUWCR7P Datasheet
3Mb / 24P
   Industrial lighting
LUWCQAR OSRAM-LUWCQAR_18 Datasheet
2Mb / 24P
   Industrial lighting
logo
National Semiconductor ...
LM3444-230VAC NSC-LM3444-230VAC Datasheet
2Mb / 18P
   8W Isolated Flyback LED Driver Industrial and Commercial Lighting
LM3444 NSC-LM3444 Datasheet
3Mb / 14P
   120VAC, 8W Isolated Flyback LED Driver Industrial and Commercial Lighting
logo
Toshiba Semiconductor
TLWNF1108A TOSHIBA-TLWNF1108A Datasheet
268Kb / 13P
   General Lighting
logo
FSP TECHNOLOGY INC.
FSP075-NZMCH-700 FSP-FSP075-NZMCH-700 Datasheet
122Kb / 1P
   LED Lighting
FSP075-NZMVH-42 FSP-FSP075-NZMVH-42 Datasheet
123Kb / 1P
   LED Lighting
FSP075-NZMVH-48 FSP-FSP075-NZMVH-48 Datasheet
123Kb / 1P
   LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com