Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65111A9632 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # Q65111A9632
Description  Indoor General Lighting
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A9632 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button Q65111A9632 Datasheet HTML 4Page - OSRAM GmbH Q65111A9632 Datasheet HTML 5Page - OSRAM GmbH Q65111A9632 Datasheet HTML 6Page - OSRAM GmbH Q65111A9632 Datasheet HTML 7Page - OSRAM GmbH Q65111A9632 Datasheet HTML 8Page - OSRAM GmbH Q65111A9632 Datasheet HTML 9Page - OSRAM GmbH Q65111A9632 Datasheet HTML 10Page - OSRAM GmbH Q65111A9632 Datasheet HTML 11Page - OSRAM GmbH Q65111A9632 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
2016-06-28
8
Version 1.0
GW KAGMB3.PM
Relative Spectral Emission - V(λ) = Standard eye response curve 4) page 17
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 4) Seite 17
Φrel = f (λ); TS = 85 °C; IF = 700 mA
Radiation Characteristics 4) page 17
Abstrahlcharakteristik 4) Seite 17
Irel = f (ϕ); TS = 85 °C
GW KAGMB3.PM
350
400
450
500
550
600
650
700
750
800
λ
[nm]
0,0
0,2
0,4
0,6
0,8
1,0
Irel
: Vλ
GW KAGMB3.PM
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
10° 20° 30° 40° 50° 60° 70° 80° 90°
ϕ [°]
0,0
0,2
0,4
0,6
0,8
1,0 Irel


Similar Part No. - Q65111A9632

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A9633 OSRAM-Q65111A9633 Datasheet
824Kb / 17P
   Indoor General Lighting
More results

Similar Description - Q65111A9632

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAHLB2.PM OSRAM-GWKAHLB2.PM Datasheet
1Mb / 18P
   Indoor General Lighting
GWJBLMS2.EM OSRAM-GWJBLMS2.EM Datasheet
1Mb / 24P
   Indoor General Lighting
GWJTLPS1.EM OSRAM-GWJTLPS1.EM Datasheet
1Mb / 26P
   Indoor General Lighting
GWJTLPS2.CM OSRAM-GWJTLPS2.CM Datasheet
1Mb / 26P
   Indoor General Lighting
GWJTLPS1.CM OSRAM-GWJTLPS1.CM Datasheet
1Mb / 26P
   Indoor General Lighting
GWKAGHB1.EM OSRAM-GWKAGHB1.EM Datasheet
704Kb / 18P
   Indoor General Lighting
GWKAHJB1.CM OSRAM-GWKAHJB1.CM Datasheet
768Kb / 19P
   Indoor General Lighting
GWKAHLB1.CM OSRAM-GWKAHLB1.CM Datasheet
597Kb / 18P
   Indoor General Lighting
GWKAGMB3.EM OSRAM-GWKAGMB3.EM Datasheet
1Mb / 18P
   Indoor General Lighting
GWPSLR31.PM OSRAM-GWPSLR31.PM Datasheet
1Mb / 24P
   Indoor General Lighting
GWKAGLB3.DM OSRAM-GWKAGLB3.DM Datasheet
822Kb / 17P
   Indoor General Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com