Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65111A7650 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # Q65111A7650
Description  Directional retrofits
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A7650 Datasheet(HTML) 5 Page - OSRAM GmbH

  Q65111A7650 Datasheet HTML 1Page - OSRAM GmbH Q65111A7650 Datasheet HTML 2Page - OSRAM GmbH Q65111A7650 Datasheet HTML 3Page - OSRAM GmbH Q65111A7650 Datasheet HTML 4Page - OSRAM GmbH Q65111A7650 Datasheet HTML 5Page - OSRAM GmbH Q65111A7650 Datasheet HTML 6Page - OSRAM GmbH Q65111A7650 Datasheet HTML 7Page - OSRAM GmbH Q65111A7650 Datasheet HTML 8Page - OSRAM GmbH Q65111A7650 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Version 1.1
GW P9LT31.EM
2015-12-23
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 22 , 4) page 22
Durchlassspannungsgruppen 3) Seite 22 , 4) Seite 22
Group
Luminous Flux 1) page 22
Luminous Flux 1) page 22
Luminous Intensity
7) page 22
Gruppe
Lichtstrom 1) Seite 22
Lichtstrom 1) Seite 22
Lichtstärke 7) Seite 22
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
PR
520
563
172.4
PS
563
610
186.7
PT
610
658
201.8
PU
658
710
217.7
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
2A
29.00
30.00
CA
30.00
31.00
NA
31.00
32.00
YA
32.00
33.00


Similar Part No. - Q65111A7650

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A7651 OSRAM-Q65111A7651 Datasheet
2Mb / 24P
   Directional retrofits
Q65111A7652 OSRAM-Q65111A7652 Datasheet
2Mb / 24P
   Directional retrofits
Q65111A7653 OSRAM-Q65111A7653 Datasheet
2Mb / 24P
   Directional retrofits
Q65111A7654 OSRAM-Q65111A7654 Datasheet
2Mb / 24P
   Directional retrofits
Q65111A7655 OSRAM-Q65111A7655 Datasheet
2Mb / 24P
   Directional retrofits
More results

Similar Description - Q65111A7650

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWP7LL32.EM OSRAM-GWP7LL32.EM Datasheet
1Mb / 24P
   Directional retrofits
GWP7LP32.PM OSRAM-GWP7LP32.PM Datasheet
3Mb / 24P
   Directional retrofits
GWP9LR32.EM OSRAM-GWP9LR32.EM Datasheet
2Mb / 24P
   Directional retrofits
GWP9LT32.CM OSRAM-GWP9LT32.CM Datasheet
1Mb / 24P
   Directional retrofits
GWP7LL31.EM OSRAM-GWP7LL31.EM Datasheet
1Mb / 24P
   Directional retrofits
GWP9LR32.CM OSRAM-GWP9LR32.CM Datasheet
1Mb / 24P
   Directional retrofits
GWP9LR31.EM OSRAM-GWP9LR31.EM Datasheet
2Mb / 24P
   Directional retrofits
GWP7LM32.PM OSRAM-GWP7LM32.PM Datasheet
1Mb / 24P
   Directional retrofits
GWP9LT32.EM OSRAM-GWP9LT32.EM Datasheet
1Mb / 24P
   Directional retrofits
GWP9LR33.CM OSRAM-GWP9LR33.CM Datasheet
1Mb / 24P
   Directional retrofits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com