Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65111A8553 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # Q65111A8553
Description  Omnidirectional retrofits
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A8553 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button Q65111A8553 Datasheet HTML 6Page - OSRAM GmbH Q65111A8553 Datasheet HTML 7Page - OSRAM GmbH Q65111A8553 Datasheet HTML 8Page - OSRAM GmbH Q65111A8553 Datasheet HTML 9Page - OSRAM GmbH Q65111A8553 Datasheet HTML 10Page - OSRAM GmbH Q65111A8553 Datasheet HTML 11Page - OSRAM GmbH Q65111A8553 Datasheet HTML 12Page - OSRAM GmbH Q65111A8553 Datasheet HTML 13Page - OSRAM GmbH Q65111A8553 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
2016-07-19
10
Version 1.4
GW T3LMF1.EM
Relative Forward Voltage 3) page 17
Relative Vorwärtsspannung 3) Seite 17
ΔVF = VF - VF(25 °C) = f(Tj); IF = 10 mA
Relative Luminous Flux 3) page 17
Relativer Lichtstrom 3) Seite 17
ΦVV(25 °C) = f(Tj); IF = 10 mA
Chromaticity Coordinate Shift 3) page 17
Farbortverschiebung 3) Seite 17
ΔCx, ΔCy = f(Tj); IF = 10 mA
GW T3LMF1.EM
-20
0
20
40
60
80
100 120
Tj [°C]
-2
-1
0
1
VF [V]
GW T3LMF1.EM
-20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φv
Φv(25°C)
GW T3LMF1.EM
-20
0
20
40
60
80
100 120
Tj [°C]
-0,02
-0,01
0,00
0,01
0,02
Cx
Cy
: Cx - white
: Cy - white


Similar Part No. - Q65111A8553

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A8554 OSRAM-Q65111A8554 Datasheet
1Mb / 18P
   Omnidirectional retrofits
Q65111A8555 OSRAM-Q65111A8555 Datasheet
1Mb / 18P
   Omnidirectional retrofits
Q65111A8556 OSRAM-Q65111A8556 Datasheet
1Mb / 18P
   Omnidirectional retrofits
Q65111A8557 OSRAM-Q65111A8557 Datasheet
1Mb / 18P
   Omnidirectional retrofits
Q65111A8558 OSRAM-Q65111A8558 Datasheet
1Mb / 18P
   Omnidirectional retrofits
More results

Similar Description - Q65111A8553

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWT3LPF1.EM OSRAM-GWT3LPF1.EM Datasheet
5Mb / 20P
   Omnidirectional retrofits
GWT3LSF1.EM OSRAM-GWT3LSF1.EM Datasheet
1Mb / 18P
   Omnidirectional retrofits
GWP7LL31.CM OSRAM-GWP7LL31.CM Datasheet
1Mb / 24P
   Omnidirectional retrofits
GWT3LRF1.EM OSRAM-GWT3LRF1.EM Datasheet
1Mb / 18P
   Omnidirectional retrofits
GWP9LT31.EM OSRAM-GWP9LT31.EM Datasheet
2Mb / 24P
   Directional retrofits
GWP7LL32.EM OSRAM-GWP7LL32.EM Datasheet
1Mb / 24P
   Directional retrofits
GWP7LP32.PM OSRAM-GWP7LP32.PM Datasheet
3Mb / 24P
   Directional retrofits
GWP9LR32.EM OSRAM-GWP9LR32.EM Datasheet
2Mb / 24P
   Directional retrofits
GWP7LM32.PM OSRAM-GWP7LM32.PM Datasheet
1Mb / 24P
   Directional retrofits
GWP9LT32.EM OSRAM-GWP9LT32.EM Datasheet
1Mb / 24P
   Directional retrofits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com