Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS341W Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # IS341W
Description  IGBT/MOSFET Gate Drive
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

IS341W Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  IS341W Datasheet HTML 1Page - ISOCOM COMPONENTS IS341W Datasheet HTML 2Page - ISOCOM COMPONENTS IS341W Datasheet HTML 3Page - ISOCOM COMPONENTS IS341W Datasheet HTML 4Page - ISOCOM COMPONENTS IS341W Datasheet HTML 5Page - ISOCOM COMPONENTS IS341W Datasheet HTML 6Page - ISOCOM COMPONENTS IS341W Datasheet HTML 7Page - ISOCOM COMPONENTS IS341W Datasheet HTML 8Page - ISOCOM COMPONENTS IS341W Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2 17/01/2017
IS341W
ISOCOM
COMPONENTS
DD93205
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
- 40
105
°C
Supply Voltage
VCC ̶ VEE
15
30
V
Input Current (ON)
IF(ON)
7
16
mA
Input Voltage (OFF)
VF(OFF)
-3.0
0.8
V
Recommended Operating Conditions
LED
VCC ̶ GND
(Turn ON, +ve going)
VCC ̶ GND
(Turn OFF –ve going)
VO
OFF
0 ̶ 30V
0 ̶ 30V
LOW
ON
0 ̶ 11.0V
0 ̶ 9.5V
LOW
Truth Table
ON
11.0 ̶ 13.5V
9.5 ̶ 12.0V
TRANSITION
ON
13.5 ̶ 30V
12 ̶ 30V
HIGH


Similar Part No. - IS341W

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS34C02 ISSI-IS34C02 Datasheet
72Kb / 15P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
IS34C02-2GI ISSI-IS34C02-2GI Datasheet
72Kb / 15P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
IS34C02-2GLI ISSI-IS34C02-2GLI Datasheet
72Kb / 15P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
IS34C02-2SI ISSI-IS34C02-2SI Datasheet
72Kb / 15P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
IS34C02-2SLI ISSI-IS34C02-2SLI Datasheet
72Kb / 15P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
More results

Similar Description - IS341W

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS314P ISOCOM-IS314P Datasheet
3Mb / 17P
   IGBT/MOSFET Gate Drive
ICPL3120 ISOCOM-ICPL3120 Datasheet
1Mb / 14P
   IGBT/MOSFET Gate Drive
IS314W ISOCOM-IS314W Datasheet
991Kb / 17P
   IGBT/MOSFET Gate Drive
IS480P ISOCOM-IS480P Datasheet
1Mb / 15P
   Isolated IGBT/MOSFET Gate Drive
logo
Toshiba Semiconductor
TLP5214 TOSHIBA-TLP5214 Datasheet
910Kb / 20P
   Isolated IGBT/Power MOSFET gate drive
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100-500E AVAGO-HCPL-3100-500E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-3100 HP-HCPL-3100 Datasheet
233Kb / 10P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100-300E AVAGO-HCPL-3100-300E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3101-000E AVAGO-HCPL-3101-000E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
Solid State Optronic
SG8080 SSOUSA-SG8080 Datasheet
745Kb / 15P
   IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com