Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL640 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GL640
Description  IEEE-1284 to USB Bridge
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL640 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GL640 Datasheet HTML 3Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 4Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 5Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 6Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-6-
GL640USB, GL640USB-A
27
27
TEST#
I
Mode select, internal pull up
1=Normal Mode
0=Chip Test Mode
28
28
INT#
I
this is an input pin to accept the interrupt signal from external EPP
controller, internal pull up
29
29
GPIO1
I/O this signal is served as an general purpose I/O pin, internal pull up
30
30
GPIO2
I/O this signal is served as an general purpose I/O pin, internal pull up
31
31
DVCC
-
Digital 5V input
32
32
DGND
-
Digital ground
33
33
GPIO3
I/O this signal is served as an general purpose I/O pin, internal pull up
34
34
GPIO4
I/O this signal is served as an general purpose I/O pin, internal pull down
35
35
GPIO5
I/O this signal is served as an general purpose I/O pin
36
36
GPIO6
I/O this signal is served as an general purpose I/O pin
37
37
GPIO7
I/O this signal is served as an general purpose I/O pin
38
38
INIT#
O output signal to initialize the EPP device.
39
40
DSTRB#
O EPP data strobe
40
41
ASTRB#
O EPP address strobe


Similar Part No. - GL640

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL641USB ETC-GL641USB Datasheet
54Kb / 7P
   USB ATA/ATAPI/ COMPACT FLASH CARD CONTROLLER
GL646 ETC-GL646 Datasheet
280Kb / 43P
   Three-in-one Scanner Controller for USB and 1394
GL646USB ETC-GL646USB Datasheet
280Kb / 43P
   Three-in-one Scanner Controller for USB and 1394
logo
GENESYS LOGIC
GL646USB GENESYS-GL646USB Datasheet
2Mb / 44P
   Three-in-one Scanner Controller for USB and 1394
More results

Similar Description - GL640

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GUC1284B IOGEAR-GUC1284B Datasheet
129Kb / 2P
   USB to Parallel IEEE 1284 Printer Adapter
logo
Fairchild Semiconductor
74ACT1284 FAIRCHILD-74ACT1284 Datasheet
226Kb / 7P
   IEEE 1284 Transceiver
74VHC161284 FAIRCHILD-74VHC161284 Datasheet
205Kb / 11P
   IEEE 1284 Transceiver
74ACT1284 FAIRCHILD-74ACT1284_00 Datasheet
265Kb / 7P
   IEEE 1284 Transceiver
AN-5010 FAIRCHILD-AN-5010 Datasheet
220Kb / 10P
   IEEE 1284 Interface Design Solutions
logo
Assmann Electronics Inc...
AK707-R ASSMANN-AK707-R Datasheet
275Kb / 1P
   IEEE 1284 SPECIAL PRINTER CABLE
logo
Intel Corporation
CD1283 INTEL-CD1283 Datasheet
1Mb / 94P
   IEEE 1284-Compatible Parallel Interface
logo
Assmann Electronics Inc...
AK733-18 ASSMANN-AK733-18 Datasheet
100Kb / 1P
   IEEE 1284 Bi-Directional Extension Cable
logo
Tripp Lite. All Rights ...
U207006 TRIPPLITE-U207006 Datasheet
508Kb / 2P
   Hi-Speed USB to IEEE 1284 Parallel Printer Gold Adapter Cable (USB-A to DB25 M-F), 6-ft
U207-006 TRIPPLITE-U207-006 Datasheet
171Kb / 2P
   Hi-Speed USB to IEEE 1284 Parallel Printer Gold Adapter Cable (USB-A to DB25 M/F), 6-ft.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com