Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65111A9614 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # Q65111A9614
Description  Indoor General Lighting
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A9614 Datasheet(HTML) 1 Page - OSRAM GmbH

  Q65111A9614 Datasheet HTML 1Page - OSRAM GmbH Q65111A9614 Datasheet HTML 2Page - OSRAM GmbH Q65111A9614 Datasheet HTML 3Page - OSRAM GmbH Q65111A9614 Datasheet HTML 4Page - OSRAM GmbH Q65111A9614 Datasheet HTML 5Page - OSRAM GmbH Q65111A9614 Datasheet HTML 6Page - OSRAM GmbH Q65111A9614 Datasheet HTML 7Page - OSRAM GmbH Q65111A9614 Datasheet HTML 8Page - OSRAM GmbH Q65111A9614 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
2016-03-10
1
2016-03-10
SOLERIQ
® S 13
Datasheet
Version 1.1
GW KAGLB3.EM
The SOLERIQ
® S products are specifically designed
for applications that require large flux packages out of
a compact area. With TEN° binning, SOLERIQ® S 13
is now available with unparalleled color consistency.
Die SOLERIQ
® S Produkte wurden speziell für
Anwendungen entwickelt, die großen Lichtstrom aus
einer kompakten Fläche benötigen. Mit TEN° binning
ist SOLERIQ® S 13 jetzt in unerreichter
Farbkonsistenz erhältlich.
Features:
Besondere Merkmale:
Package: Chip-on-Board
Gehäusetyp: Chip-on-Board
Viewing angle at 50 % I
V: 120°
Abstrahlwinkel bei 50 % I
V: 120°
Color: 2700 K - 6500 K (white)
Farbe: 2700 K - 6500 K (weiß)
CRI: min. 80
CRI: min. 80
Applications
Anwendungen
Downlights
Downlights
Spot lights
Spot-Leuchten
Indoor General Lighting
Innen-Allgemeinbeleuchtung
Museum lighting
Museumsbeleuchtung
Luminous Flux:
Lichtstrom:
typ. 2735 lm @ 3000 K, 85 °C, 600mA
typ. 2735 lm @ 3000 K, 85 °C, 600mA
typ. 2333 lm @3000 K, 85 °C, 500mA
typ. 2333 lm @ 3000 K, 85 °C, 500mA
typ. 1715 lm @ 3000 K, 85 °C, 350mA
typ. 1715 lm @ 3000 K, 85 °C, 350mA
Lichtausbeute:
typ. 132 lm/W @ 3000 K, 85 °C, 600mA
typ. 137 lm/W @ 3000 K, 85 °C, 500mA
typ. 146 lm/W @ 3000 K, 85 °C, 350mA
Luminous efficacy:
typ. 132 lm/W @ 3000 K, 85 °C, 600mA
typ. 137 lm/W @ 3000 K, 85 °C, 500mA
typ. 146 lm/W @ 3000 K, 85 °C, 350mA


Similar Part No. - Q65111A9614

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A9612 OSRAM-Q65111A9612 Datasheet
1Mb / 18P
   Indoor General Lighting
Q65111A9617 OSRAM-Q65111A9617 Datasheet
1Mb / 18P
   Indoor General Lighting
Q65111A9618 OSRAM-Q65111A9618 Datasheet
1Mb / 18P
   Indoor General Lighting
Q65111A9619 OSRAM-Q65111A9619 Datasheet
1Mb / 18P
   Indoor General Lighting
More results

Similar Description - Q65111A9614

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAHLB2.PM OSRAM-GWKAHLB2.PM Datasheet
1Mb / 18P
   Indoor General Lighting
GWJBLMS2.EM OSRAM-GWJBLMS2.EM Datasheet
1Mb / 24P
   Indoor General Lighting
GWJTLPS1.EM OSRAM-GWJTLPS1.EM Datasheet
1Mb / 26P
   Indoor General Lighting
GWJTLPS2.CM OSRAM-GWJTLPS2.CM Datasheet
1Mb / 26P
   Indoor General Lighting
GWJTLPS1.CM OSRAM-GWJTLPS1.CM Datasheet
1Mb / 26P
   Indoor General Lighting
GWKAGHB1.EM OSRAM-GWKAGHB1.EM Datasheet
704Kb / 18P
   Indoor General Lighting
GWKAHJB1.CM OSRAM-GWKAHJB1.CM Datasheet
768Kb / 19P
   Indoor General Lighting
GWKAHLB1.CM OSRAM-GWKAHLB1.CM Datasheet
597Kb / 18P
   Indoor General Lighting
GWKAGMB3.EM OSRAM-GWKAGMB3.EM Datasheet
1Mb / 18P
   Indoor General Lighting
GWPSLR31.PM OSRAM-GWPSLR31.PM Datasheet
1Mb / 24P
   Indoor General Lighting
GWKAGLB3.DM OSRAM-GWKAGLB3.DM Datasheet
822Kb / 17P
   Indoor General Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com