Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0760905001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0760905001
Description  Small Form-factor Pluggable Plus (SFP) Stacked 2-by-1 Multi-Port Connector with 4 Lightpipe Ports, Elastomeric Gasket, 40 Circuits, Tin (Sn) Tails
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0760905001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0760905001_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0760905001_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 11/30/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0760905001
Status:
Active
Overview:
SFP+ and SFP Interconnect Solutions
Description:
Small Form-factor Pluggable Plus (SFP+) Stacked 2-by-1 Multi-Port Connector with 4
Lightpipe Ports, Elastomeric Gasket, 40 Circuits, Tin (Sn) Tails
Documents:
3D Model
Application Specification AS-75310-001 (PDF)
Drawing (PDF)
Application Specification AS-76090-001-001 (PDF)
Product Specification PS-75310-001 (PDF)
Packaging Specification PK-75462-001-001 (PDF)
Product Specification TS-76092-999-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
I/O Connectors
Series
76090
Application
Module-to-Board
Component Type
Receptacle
Electrical Model
Yes
Overview
SFP+ and SFP Interconnect Solutions
Product Name
SFP Plus, SFP+
Type
N/A
UPC
800756842899
Physical
Boot Color
N/A
Circuits (Loaded)
40
Circuits (maximum)
40
Circuits Detail
40
Durability (mating cycles max)
100
Flammability
94V-0
Gender
Female
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Gold
Net Weight
29.110/g
Number of Rows
2
Orientation
Right Angle
PC Tail Length
2.07mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness - Recommended
2.36mm
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface
0.80mm
Pitch - Termination Interface
0.80mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
2
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Waterproof / Dustproof
No
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
76090 Series
Use With
75951-0999 SFP Dust Plug


Similar Part No. - 0760905001_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0760905001 MOLEX9-0760905001 Datasheet
528Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-1 Multi-Port Connector with 4 Lightpipe Ports
More results

Similar Description - 0760905001_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0760905002 MOLEX1-0760905002_17 Datasheet
52Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-1 Multi-Port Connector with 2Inner Lightpipe Ports, Elastomeric Gasket, 40 Circuits, Tin (Sn) Tails
0760915001 MOLEX1-0760915001_17 Datasheet
49Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Connector with 4 Lightpipe Ports, Elastomeric Gasket, 80 Circuits, Tin (Sn) Tails
0760925001 MOLEX1-0760925001_17 Datasheet
49Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 4 Lightpipe Ports, Elastomeric Gasket, 160 Circuits, Tin (Sn) Tails
0760915001 MOLEX9-0760915001 Datasheet
587Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Connector with 4 Lightpipe Ports, Elastomeric Gasket, 80 Circuits, Tin (Sn) Tails
0760935001 MOLEX1-0760935001_17 Datasheet
41Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-5 Multi-Port Connector with 4 Lightpipe Ports, Elastomeric Gasket, 200 Circuits, Tin (Sn) Tails
0761005001 MOLEX9-0761005001 Datasheet
362Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-1 Multi-Port Press Fit Connector without Lightpipe Ports, Elastomeric Gasket, 40 Circuits, Tin (Sn) Tails
0760945001 MOLEX1-0760945001_17 Datasheet
37Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-6 Multi-Port Connector with 4 Lightpipe Ports, Elastomeric Gasket, 240 Circuits, Tin (Sn) Tails
0760945001 MOLEX9-0760945001 Datasheet
900Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-6 Multi-Port Connector with 4 Lightpipe Ports, Elastomeric Gasket, 240 Circuits, Tin (Sn) Tails
0760915002 MOLEX9-0760915002 Datasheet
584Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Connector with 2Inner Lightpipe Ports, Elastomeric Gasket, 80 Circuits, Tin (Sn) Tails
0760925003 MOLEX9-0760925003 Datasheet
726Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 2 Outer Lightpipe Ports, Elastomeric Gasket, 160 Circuits, Tin (Sn) Tails
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com