Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0760925002 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0760925002
Description  Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 2 Inner Lightpipe Ports, Elastomeric Gasket, 160 Circuits, Tin (Sn) Tails
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0760925002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0760925002_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0760925002_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ports
8
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
0.5A
Grounding to Panel
None
Shield Type
EMI Gasket
Shielded
Yes
Voltage - Maximum
120V AC (RMS)/DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-75310-001, AS-76090-001-001
Electrical Model Document
EE-76090-001
Packaging Specification
PK-75450-001-001
Product Specification
PS-75310-001, TS-76092-999-001
S-Parameter Model
SP-76090-001
Sales Drawing
RSD-76046-5900, SD-76092-001
This document was generated on 11/30/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0760925002_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0760925002 MOLEX9-0760925002 Datasheet
723Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 2 Inner Lightpipe Ports
More results

Similar Description - 0760925002_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0760920002 MOLEX9-0760920002 Datasheet
723Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 2 Inner Lightpipe Ports, Elastomeric Gasket, 160 Circuits, Tin (Sn)/Lead(Pb) Tails
0760925001 MOLEX1-0760925001_17 Datasheet
49Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 4 Lightpipe Ports, Elastomeric Gasket, 160 Circuits, Tin (Sn) Tails
0760915002 MOLEX1-0760915002_17 Datasheet
49Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Connector with 2 Inner Lightpipe Ports, Elastomeric Gasket, 80 Circuits, Tin (Sn) Tails
0760925003 MOLEX9-0760925003 Datasheet
726Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 2 Outer Lightpipe Ports, Elastomeric Gasket, 160 Circuits, Tin (Sn) Tails
0760935002 MOLEX1-0760935002_17 Datasheet
41Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-5 Multi-Port Connector with 2 Inner Lightpipe Ports, Elastomeric Gasket, 200 Circuits, Tin (Sn) Tails
0760915001 MOLEX1-0760915001_17 Datasheet
49Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Connector with 4 Lightpipe Ports, Elastomeric Gasket, 80 Circuits, Tin (Sn) Tails
0760915001 MOLEX9-0760915001 Datasheet
587Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Connector with 4 Lightpipe Ports, Elastomeric Gasket, 80 Circuits, Tin (Sn) Tails
0760465002 MOLEX9-0760465002 Datasheet
776Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 2 Inner Lightpipe Ports, EMI Metal Gasket, 160 Circuits, Tin (Sn) Tails
0760465002 MOLEX1-0760465002_17 Datasheet
48Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 2 Inner Lightpipe Ports, EMI Metal Gasket, 160 Circuits, Tin (Sn) Tails
0760920003 MOLEX9-0760920003 Datasheet
723Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 2 Outer Lightpipe Ports, Elastomeric Gasket, 160 Circuits, Tin (Sn)/Lead(Pb) Tails
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com